Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALMD-CM3F Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-CM3F
Description  High brightness material
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-CM3F Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-CM3F Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3F Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PRECAUTIONARY NOTES
1. Handling precautions
For automated pick and place, Avago has tested nozzle
size below made with urethane material to be working
fine with this LED. However, due to the possibility of
variations in other parameters such as pick and place
machine maker/model and other settings of the ma-
chine, customer is recommended to verify the nozzle
selected.
d. Control of assembled boards
- If the PCB soldered with the LEDs is to be
subjected to other high temperature processes,
the PCB need to be stored in sealed MBB with
desiccant or desiccator at <5%RH to ensure that
all LEDs have not exceeded their floor life of 672
hours.
e. Baking is required if:
- The HIC indicator is not BROWN at 10% and is
AZURE at 5%.
- The LEDs are exposed to condition of >30°C /
60% RH at any time.
- The LED floor life exceeded 672hrs.
The recommended baking condition is: 60±5ºC
for 20hrs. Baking should only be done once.
f. Storage
- The soldering terminals of these Avago LEDs
are silver plated. If the LEDs are being exposed
in ambient environment for too long, the silver
plating might be oxidized and thus affecting its
solderability performance. As such, unused LEDs
must be kept in sealed MBB with desiccant or in
desiccator at <5%RH.
3. Application precautions
a. Drive current of the LED must not exceed the
maximum allowable limit across temperature as
stated in the datasheet. Constant current driving is
recommended to ensure consistent performance.
b. LED is not intended for reverse bias. Do use other
appropriate components for such purpose. When
driving the LED in matrix form, it is crucial to ensure
that the reverse bias voltage is not exceeding the
allowable limit of the LED.
c. Avoid rapid change in ambient temperature
especially in high humidity environment as this will
cause condensation on the LED.
d. If the LED is intended to be used in outdoor or harsh
environment, the LED leads must be protected
with suitable potting material against damages
caused by rain water, oil, corrosive gases etc. It is
recommended to have louver or shade to reduce
direct sunlight on the LEDs.
4. Eye safety precautions
LEDs may pose optical hazards when in operation. It is
not advisable to view directly at operating LEDs as it
may be harmful to the eyes. For safety reasons, use ap-
propriate shielding or personal protective equipments.
Note:
1. Nozzle tip should touch the LED flange during pick and place.
2. Outer dimensions of the nozzle should be able to fit into the
carrier tape pocket.
2. Handling of moisture-sensitive device
This product has a Moisture Sensitive Level 2a rating
per JEDEC J-STD-020. Refer to Avago Application Note
AN5305, Handling of Moisture Sensitive Surface Mount
Devices, for additional details and a review of proper
handling procedures.
a. Before use
- An unopened moisture barrier bag (MBB) can
be stored at <40°C/90%RH for 12 months. If the
actual shelf life has exceeded 12 months and
the humidity Indicator Card (HIC) indicates that
baking is not required, then it is safe to reflow the
LEDs per the original MSL rating.
- It is recommended that the MBB not be opened
prior to assembly (e.g. for IQC).
b. Control after opening the MBB
- The humidity indicator card (HIC) shall be read
immediately upon opening of MBB.
- The LEDs must be kept at <30°C / 60%RH at all
times and all high temperature related processes
including soldering, curing or rework need to be
completed within 672 hours.
c. Control for unfinished reel
- Unused LEDs must be stored in a sealed MBB
with desiccant or desiccator at <5%RH.
4.8mm
4.4mm
Φ3.9mm
Pick & Place nozzle
LED ange
>3.5mm


Similar Part No. - ALMD-CM3F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D-WY002 AVAGO-ALMD-CM3D-WY002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D-Y1002 AVAGO-ALMD-CM3D-Y1002 Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-CM3D-Y1002 BOARDCOM-ALMD-CM3D-Y1002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3E AVAGO-ALMD-CM3E Datasheet
655Kb / 12P
   Compact form factor
More results

Similar Description - ALMD-CM3F

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AM70 AVAGO-HLMP-AM70 Datasheet
273Kb / 10P
   High brightness material
HLMP-LD61 AVAGO-HLMP-LD61 Datasheet
455Kb / 12P
   High brightness material
logo
Rohm
SLI-343V8RC3F ROHM-SLI-343V8RC3F Datasheet
145Kb / 4P
   High brightness
logo
AVAGO TECHNOLOGIES LIMI...
HSMM-C110 AVAGO-HSMM-C110 Datasheet
206Kb / 9P
   High brightness
logo
Rohm
SML-Z1 ROHM-SML-Z1_11 Datasheet
1Mb / 5P
   High brightness
SML-Z1 ROHM-SML-Z1 Datasheet
1Mb / 5P
   High brightness
logo
Vishay Siliconix
TLVD42 VISHAY-TLVD42 Datasheet
142Kb / 5P
   High brightness
Rev. 1.4, 14-Oct-14
logo
Roithner LaserTechnik G...
RLCD-M63H-350 ROITHNER-RLCD-M63H-350 Datasheet
411Kb / 3P
   high brightness
RLCD-M66H-2W3W ROITHNER-RLCD-M66H-2W3W Datasheet
367Kb / 3P
   High brightness
logo
Rohm
SML-Z14VT ROHM-SML-Z14VT Datasheet
536Kb / 12P
   High brightness
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com