Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL0805JK-7W100RL Datasheet(PDF) 4 Page - YAGEO Corporation

Part # RL0805JK-7W100RL
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL0805JK-7W100RL Datasheet(HTML) 4 Page - YAGEO Corporation

  RL0805JK-7W100RL Datasheet HTML 1Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 2Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 3Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 4Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 5Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 6Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 7Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 8Page - YAGEO Corporation RL0805JK-7W100RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 27, 2016 V.1
Product specification
4
4
SERIES
RL
0402 to 2512
MARKING
RL0402 / RL0603: R<100 m
Ω EXCEPT 10/20/30/40/50/60 mΩ
No marking
RL0603: R≥100 m
Ω, R = 10/20/30/40/50/60 mΩ
E-24 series / Non-E series (R= 25/40/50/60/250/400/500 mΩ):3 digits
The “R” is used as a decimal point; the other 2 digits are significant.
RL0805 / RL1206 / RL1210 /RL1218 / RL2010 / RL2512
E-24 series / Non-E series (R= 25/40/50/60/250/400/500 mΩ): 4 digits
The “R” is used as a decimal point; the other 3 digits are significant.
For further marking information, please see special data sheet “Chip resistors marking”.
Fig. 2 Value = 220 mΩ
Fig. 1
Fig. 4 Chip resistor outlines
O
OU
UT
TL
LIIN
NE
ES
S
For dimension see Table 1
CONSTRUCTION
The resistors are constructed out of a high-grade ceramic
body. Internal metal electrodes are added at each end and
connected by a resistive paste. The composition of the
paste is adjusted to give the approximate required
resistance and laser cutting of this resistive layer that
achieves tolerance trims the value. The resistive layer is
covered with a protective coat and printed with the
resistance value. Finally, the two external terminations
(matte tin) are added. See fig. 4.
DIMENSIONS
TYPE
L (mm) W (mm)
H (mm)
I1 (mm) I2 (mm)
RL0402 1.00 ±0.10 0.50 ±0.05 0.35 ±0.05 0.20 ±0.10 0.25 ±0.10
RL0603 1.60 ±0.10 0.80 ±0.10 0.45 ±0.10 0.25 ±0.15 0.25 ±0.15
RL0805 2.00 ±0.10 1.25 ±0.10 0.50 ±0.10 0.35 ±0.20 0.35 ±0.20
RL1206 3.10 ±0.10 1.60 ±0.10 0.55 ±0.10 0.45 ±0.20 0.40 ±0.20
RL1210 3.10 ±0.10 2.60 ±0.15 0.55 ±0.10 0.50 ±0.20 0.50 ±0.20
RL1218 3.05 ±0.15 4.60 ±0.20 0.55 ±0.10 0.45 ±0.25 0.50 ±0.25
RL2010 5.00 ±0.10 2.50 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
RL2512 6.35 ±0.10 3.20 ±0.15 0.55 ±0.10 0.60 ±0.20 0.50 ±0.20
Table 1 For outlines see fig. 4
Fig. 3
Value = 20 mΩ


Similar Part No. - RL0805JK-7W100RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL0805JK-07L YAGEO-RL0805JK-07L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805JK-10L YAGEO-RL0805JK-10L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL0805JK-7W100RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com