Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE1206K801R014 Datasheet(PDF) 11 Page - Kemet Corporation

Part # VE1206K801R014
Description  Surface Mount Varistors VE Series High Temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VE1206K801R014 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button VE1206K801R014 Datasheet HTML 7Page - Kemet Corporation VE1206K801R014 Datasheet HTML 8Page - Kemet Corporation VE1206K801R014 Datasheet HTML 9Page - Kemet Corporation VE1206K801R014 Datasheet HTML 10Page - Kemet Corporation VE1206K801R014 Datasheet HTML 11Page - Kemet Corporation VE1206K801R014 Datasheet HTML 12Page - Kemet Corporation VE1206K801R014 Datasheet HTML 13Page - Kemet Corporation VE1206K801R014 Datasheet HTML 14Page - Kemet Corporation VE1206K801R014 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0003_VE • 10/26/2016
SMD Varistors
VE Series – SMD 150°C Low Voltage High Temperature Varistors
Soldering Pad Configuration
W
L
t
M
B
C
B
A
D
A
Size
L (mm)
W (mm)
h (mm)
t
max (mm)
A (mm)
B (mm)
C (mm)
D (mm)
0603
1.6±0.20
0.80±0.10
0.5±0.25
1.0
1.0
1.0
0.6
2.6
0805
2.0±0.25
1.25±0.20
0.5±0.25
1.1
1.4
1.2
1.0
3.4
1206
3.2±0.30
1.60±0.20
0.5±0.25
1.6
1.8
1.2
2.1
4.5
1210
3.2±0.30
2.50±0.25
0.5±0.25
1.8
2.8
1.2
2.1
4.5
1812
4.7±0.40
3.20±0.30
0.5±0.25
1.9
3.6
1.5
3.2
6.2
2220
5.7±0.50
5.00±0.40
0.5±0.25
1.9
5.5
1.5
4.2
7.2
Packaging
Voltage
Range (V)
Chip Size
0603
0805
1206
1210
1812
2220
Reel Size
180
180
180
180
180
180
2 to 14
4000
4000
4000
4000
1500
1500
17
3500
3500
2500
2500
1500
1500
20 to 40
3500
3500
2500
2500
1000
1000
50 to 130
2000
2000
1000
1000


Similar Part No. - VE1206K801R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE1206K121R035 KEMET-VE1206K121R035 Datasheet
53Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 45 V, 35 VAC, 56 V, 92 V, 1 Amps, 120 Amps, 600 mJ, 8000 uW
VE1206K121R040 KEMET-VE1206K121R040 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 56 V, 40 VAC, 68 V, 112 V, 1 Amps, 120 Amps, 800 mJ, 8000 uW
VE1206K201R017 KEMET-VE1206K201R017 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 22 V, 17 VAC, 27 V, 46 V, 1 Amps, 200 Amps, 700 mJ, 8000 uW
VE1206K201R020 KEMET-VE1206K201R020 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 26 V, 20 VAC, 33 V, 56 V, 1 Amps, 200 Amps, 800 mJ, 8000 uW
VE1206K201R025 KEMET-VE1206K201R025 Datasheet
52Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 31 V, 25 VAC, 39 V, 67 V, 1 Amps, 200 Amps, 1 J, 8000 uW
More results

Similar Description - VE1206K801R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com