Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC68302FC16 Datasheet(PDF) 92 Page - Motorola, Inc

Part # MC68302FC16
Description  Integrated Multiprotocol Processor User?셲 Manual
Download  480 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68302FC16 Datasheet(HTML) 92 Page - Motorola, Inc

Back Button MC68302FC16 Datasheet HTML 88Page - Motorola, Inc MC68302FC16 Datasheet HTML 89Page - Motorola, Inc MC68302FC16 Datasheet HTML 90Page - Motorola, Inc MC68302FC16 Datasheet HTML 91Page - Motorola, Inc MC68302FC16 Datasheet HTML 92Page - Motorola, Inc MC68302FC16 Datasheet HTML 93Page - Motorola, Inc MC68302FC16 Datasheet HTML 94Page - Motorola, Inc MC68302FC16 Datasheet HTML 95Page - Motorola, Inc MC68302FC16 Datasheet HTML 96Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 480 page
background image
System Integration Block (SIB)
3-42
MC68302 USER’S MANUAL
MOTOROLA
3.5.3.3 Software Watchdog Counter (WCN)
WCN, a 16-bit up-counter, appears as a memory-mapped register and may be read at any
time. Clearing EN in WRR causes the counter to be reset and disables the count operation.
A read cycle to WCN causes the current value of the timer to be read. When working in
MC68008 mode (BUSW is low), reading the high byte of WCN will latch the low byte into a
temporary register. When reading the low byte, the temporary register value is read. Read-
ing the timer does not affect the counting operation.
A write cycle to WCN causes the counter and prescaler to be reset. In the MC68008 mode
(BUSW is low), a write cycle to either the high or low byte resets the counter and the pres-
caler. A write cycle should be executed on a regular basis so that the watchdog timer is nev-
er allowed to reach the reference value during normal program operation.
3.6 EXTERNAL CHIP-SELECT SIGNALS AND WAIT-STATE LOGIC
The MC68302 provides a set of four programmable chip-select signals. Each chip-select
signal has an identical internal structure. For each memory area, the user may also define
an internally generated cycle termination signal (DTACK). This feature eliminates board
space that would be necessary for cycle termination logic.
The four chip-select signals allow four different classes of memory to be used: e.g., high-
speed static RAM, slower dynamic RAM, EPROM, and nonvolatile RAM. If more than four
chip selects are required, additional chip selects may be decoded externally, as on the
MC68000.
The chip-select block diagram is shown in Figure 3-9.
The chip-select logic is active for memory cycles generated by internal bus masters
(M68000 core, IDMA, SDMA, DRAM refresh) or external bus masters. These signals are
driven externally on the falling edge of AS and are valid shortly after AS goes low.
For each chip select, the user programs the block size by choosing the starting address in
the base register and the length in the option register. The starting address must be on a
block boundary. Thus, an 8K block size must begin on an 8K address boundary, and a 64K
block size must begin on a 64K address boundary, etc.
For a given chip-select block, the user may also choose 1) whether the chip-select block
should be considered as read-only, write-only, or read/write, 2) whether the chip-select
block should be active on only one particular function code signal combination or for all func-
tion codes, and 3) whether a DTACK should be automatically generated for this chip-select
block, and after how many wait states.
15
10
REFERENCE VALUE
EN


Similar Part No. - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302FC16 MOTOROLA-MC68302FC16 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68302FC16C FREESCALE-MC68302FC16C Datasheet
261Kb / 13P
   Freescale Semiconductor, Inc.
More results

Similar Description - MC68302FC16

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68302 MOTOROLA-MC68302 Datasheet
1Mb / 480P
   Integrated Multiprotocol Processor User?셲 Manual
logo
Freescale Semiconductor...
MC68340 FREESCALE-MC68340 Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MC68340FE16E FREESCALE-MC68340FE16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
logo
Motorola, Inc
MC68340AB16E MOTOROLA-MC68340AB16E Datasheet
2Mb / 441P
   Integrated Processor with DMA User?셲 Manual
MCF5307AI66B MOTOROLA-MCF5307AI66B Datasheet
5Mb / 484P
   Integrated Microprocessor User?셲 Manual
MC68LC302 MOTOROLA-MC68LC302 Datasheet
766Kb / 169P
   Low Power Integrated Multiprotocol Processor Reference Manual
logo
Freescale Semiconductor...
MCF5282 FREESCALE-MCF5282 Datasheet
8Mb / 766P
   Microcontroller User?셲 Manual
logo
Samsung semiconductor
UM_S3C49F9X SAMSUNG-UM_S3C49F9X Datasheet
653Kb / 74P
   S3C49F9X User?셲 Manual
logo
Intersil Corporation
ISL55141 INTERSIL-ISL55141 Datasheet
304Kb / 7P
   Evaluation Board User?셲 Manual
logo
List of Unclassifed Man...
X10SRW-F ETC1-X10SRW-F Datasheet
9Mb / 129P
   X10SRW-F User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com