Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFBR-703SMZ Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # AFBR-703SMZ
Description  Typical power dissipation 600mW
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AFBR-703SMZ Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  AFBR-703SMZ Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED AFBR-703SMZ Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Figure 1. Transceiver functional diagram
Transmit Fault (TX_FAULT)
A catastrophic laser fault will activate the transmitter
signal, TX_FAULT, and disable the laser. This signal is
an open collector output (pull-up required on the host
board). A low signal indicates normal laser operation
and a high signal indicates a fault. The TX_FAULT will
be latched high when a laser fault occurs and is cleared
by toggling the TX_DISABLE input or power cycling the
transceiver. The transmitter fault condition can also be
monitored via the two-wire serial interface (address A2,
byte 110, bit 2).
Transmitter Section
The transmitter section includes the Transmitter Opti-
cal Sub-Assembly (TOSA) and laser driver circuitry. The
TOSA, containing an Avago designed and manufactured
850 nm VCSEL (Vertical Cavity Surface Emitting Laser)
light source, is located at the optical interface and mates
with the LC optical connector. The TOSA is driven by an
IC which uses the incoming differential high speed logic
signal to modulate the laser diode driver current. This Tx
laser driver circuit regulates the optical power at a con-
stant level provided the incoming data pattern is DC bal-
anced.
Transmit Disable (TX_DISABLE)
The AFBR-703SMZ accepts an LVTTL compatible trans-
mit disable control signal input which shuts down the
transmitter optical output. A high signal implements this
function while a low signal allows normal transceiver op-
eration. In the event of a fault (e.g. eye safety circuit ac-
tivated), cycling this control signal resets the module as
depicted in Figure 6. An internal pull up resistor disables
the transceiver transmitter until the host pulls the input
low. TX_DISABLE can also be asserted via the two-wire
interface (address A2h, byte 110, bit 6) and monitored
(address A2h, byte 110, bit 7).
The contents of A2h, byte 110, bit 6 are logic OR’d with
hardware TX_DISABLE (contact 3) to control transmitter
operation.
LIGHT FROM FIBER
LIGHT TO FIBER
PHOTO-DETECTOR
RECEIVER
AMPLIFICATION
& QUANTIZATION
RD+ (RECEIVE DATA)
RD– (RECEIVE DATA)
RX_LOS
VCSEL
TRANSMITTER
LASER
DRIVER &
SAFETY
CIRCUITRY
TX_DISABLE
TD+ (TRANSMIT DATA)
TD– (TRANSMIT DATA)
TX_FAULT
ELECTRICAL INTERFACE
SDA
SCL
MOD-ABS
CONTROLLER & MEMORY
OPTICAL INTERFACE
RS0
RS1


Similar Part No. - AFBR-703SMZ

ManufacturerPart #DatasheetDescription
logo
ATGBICS by Approved Tec...
AFBR-703SMZ-C ATGBICS-AFBR-703SMZ-C Datasheet
375Kb / 10P
   AFBR-703SMZ Avago Broadcom Compatible Transceiver SFP 10GBase-SR (850nm, MMF, 300m, DOM)
More results

Similar Description - AFBR-703SMZ

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SDDZ AVAGO-AFBR-703SDDZ Datasheet
479Kb / 22P
   Typical power dissipation 600mW
logo
Shenzhen Luguang Electr...
1N5333B LUGUANG-1N5333B Datasheet
3Mb / 5P
   POWER DISSIPATION
logo
SHIKUES Electronics
PZT2222A SKTECHNOLGY-PZT2222A Datasheet
1Mb / 4P
   Power dissipation
S9013 SKTECHNOLGY-S9013 Datasheet
525Kb / 2P
   Power dissipation
MMBD2838 SKTECHNOLGY-MMBD2838 Datasheet
383Kb / 2P
   Power dissipation
MMBTA13 SKTECHNOLGY-MMBTA13 Datasheet
1Mb / 4P
   Power dissipation
logo
Nanjing International G...
C1815 DGNJDZ-C1815 Datasheet
1Mb / 2P
   Power dissipation
logo
SHIKUES Electronics
2SB709A SKTECHNOLGY-2SB709A Datasheet
2Mb / 3P
   Power Dissipation
S9011 SKTECHNOLGY-S9011 Datasheet
440Kb / 2P
   Power dissipation
logo
List of Unclassifed Man...
UPD75217CW ETC-UPD75217CW Datasheet
714Kb / 19P
   POWER DISSIPATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com