Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4670ITL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4670ITL
Description  Filterless High Efficiency 3W Switching Audio Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4670ITL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4670ITL Datasheet HTML 1Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 2Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 3Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 4Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 5Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 6Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 7Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 8Page - National Semiconductor (TI) LM4670ITL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM4670
Filterless High Efficiency 3W Switching Audio Amplifier
General Description
The LM4670 is a fully integrated single-supply high efficiency
switching audio amplifier. It features an innovative modulator
that eliminates the LC output filter used with typical switching
amplifiers. Eliminating the output filter reduces external com-
ponent count, simplifies circuit design, and reduces board
area. The LM4670 processes analog inputs with a delta-
sigma modulation technique that lowers output noise and
THD when compared to conventional pulse width modula-
tors.
The LM4670 is designed to meet the demands of mobile
phones and other portable communication devices. Operat-
ing on a single 5V supply, it is capable of driving a 4
speaker load at a continuous average output of 2.3W with
less than 1% THD+N. Its flexible power supply requirements
allow operation from 2.4V to 5.5V.
The LM4670 has high efficiency with speaker loads com-
pared to a typical Class AB amplifier. With a 3.6V supply
driving an 8
Ω speaker, the IC’s efficiency for a 100mW
power level is 77%, reaching 88% at 600mW output power.
The LM4670 features a low-power consumption shutdown
mode. Shutdown may be enabled by driving the Shutdown
pin to a logic low (GND).
The gain of the LM4670 is externally configurable which
allows independent gain control from multiple sources by
summing the signals.
Key Specifications
j Efficiency at 3.6V, 100mW into 8
Ω speaker 77% (typ)
j Efficiency at 3.6V, 600mW into 8
Ω speaker 88% (typ)
j Efficiency at 5V, 1W into 8
Ω speaker
87% (typ)
j Quiescent current, 3.6V supply
4.8mA (typ)
j Total shutdown power supply current
0.01µA (typ)
j Single supply range
2.4V to 5.5V
Features
n
No output filter required for inductive loads
n
Externally configurable gain
n
Very fast turn on time: 1.35ms (typ)
n
Minimum external components
n
"Click and pop" suppression circuitry
n
Micro-power shutdown mode
n
Short circuit protection
n
Available in space-saving microSMD and LLP packages
Applications
n
Mobile phones
n
PDAs
n
Portable electronic devices
Typical Application
Boomer® is a registered trademark of National Semiconductor Corporation.
20089901
FIGURE 1. Typical Audio Amplifier Application Circuit
December 2004
© 2004 National Semiconductor Corporation
DS200899
www.national.com


Similar Part No. - LM4670ITL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4670ITL TI1-LM4670ITL Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4670ITL/NOPB TI1-LM4670ITL/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
LM4670ITLX TI1-LM4670ITLX Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer Audio Power Amplifier Series Filterless High
LM4670ITLX/NOPB TI1-LM4670ITLX/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
More results

Similar Description - LM4670ITL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4670 NSC-LM4670_06 Datasheet
1Mb / 20P
   Filterless High Efficiency 3W Switching Audio Amplifier
logo
ON Semiconductor
NCP2823 ONSEMI-NCP2823 Datasheet
168Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
February, 2010 ??Rev. P0
NCP2823 ONSEMI-NCP2823_11 Datasheet
148Kb / 11P
   High Efficiency 3W Filterless Class D Audio Amplifier
January, 2011 ??Rev. 2
logo
Texas Instruments
LM4670 TI1-LM4670 Datasheet
1Mb / 24P
[Old version datasheet]   LM4670 Boomer??Audio Power Amplifier Series Filterless High Efficiency 3W Switching Audio Amplifier
logo
National Semiconductor ...
LM4671 NSC-LM4671_07 Datasheet
594Kb / 20P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4671 NSC-LM4671_08 Datasheet
588Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4664 NSC-LM4664 Datasheet
550Kb / 14P
   Filterless High Efficiency 1.1W Switching Audio Amplifier
LM4671 NSC-LM4671 Datasheet
969Kb / 18P
   Filterless High Efficiency 2.5W Switching Audio Amplifier
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
LM4665 NSC-LM4665 Datasheet
1,018Kb / 18P
   Filterless High Efficiency 1W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com