Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTVS-104EF23O-S-13.000 Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # RTVS-104EF23O-S-13.000
Description  SURFACE MOUNT TEMPERATURE COMPENSATED VOLTAGE CONTROLLED OSCILLATOR-TCVCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

RTVS-104EF23O-S-13.000 Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  RTVS-104EF23O-S-13.000 Datasheet HTML 1Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RTVS-104 Series
SURFACE MOUNT TEMPERATURE COMPENSATED
VOLTAGE CONTROLLED OSCILLATOR-TCVCXO
FEATURES
330mm REEL DIAMETER, 12mm TAPE WIDTH,
QUANTITY: 3000 PIECES PER REEL
PACKAGING
SPECIFICATIONS*
Ultra Miniature Package
Excellent frequency stability over temperature
Low Voltage
REFLOW SOLDERING PROFILE
OUTLINE DRAWING
Scale none Dimension in
mm
inch
FRE QUE NCY
19.200 M Hz
19.680 M Hz
26.000 M Hz
S UPP LY VO LTA GE
2.8 ± 5% V DC
2.8 ± 5% V DC
2.4 ± 5% V DC
OUTP UT LEVEL
(Clipped S ine W ave)
(10 k ohm //10pF±10%)
0.8 V p-p M in
0.8 V p-p M in
0.6 V p-p M in
CURRE NT
(10 k ohm //10pF±10%)
1.5 m A M ax
1.5 mA M ax
1.5 m A M ax
OPERA TING TE M PE RA TURE
RA NGE
-30°C to + 80°C
-30°C to + 80°C
-30°C to + 75°C
S TORAGE TE MPE RA TURE
RA NGE
-40°C to + 85°C
-40°C to + 85°C
-40°C to + 85°C
FRE QUE NCY S TAB ILITY VS
TE MPE RA TURE RA NGE
±2.0 ppm M ax
±2.0 ppm M ax
±3.0 ppm M ax
FRE QUE NCY S TAB ILITY VS
S UPP LY VO LTA GE
(DC 2.8V ±5%)
±0.2 ppm M ax
±0.2 ppm M ax
±0.3 ppm M ax
FRE QUE NCY S TAB ILITY
V S LOAD
(10 k ohm //10pF±10%)
±0.2 ppm M ax
±0.2 ppm M ax
±0.2 ppm M ax
FRE QUE NCY S TAB ILITY
V S A GING
±1.0 ppm M ax /1 y ear
±1.0 ppm M ax /1 y ear
±1.0 ppm M ax /1 y ear
FRE QUE NCY TOLE RA NCE
A T 25°C
±1.0 ppm M ax
±1.0 ppm M ax
±1.5 ppm M ax
P HASE NOISE
-110 dBc /Hz Ty p.(.1kHz of f s et)
-110 dBc /Hz Typ.(.1kHz of fs et)
-125 dBc /Hz Ty p.(1kHz of f s et)
HA RM ONICS
-7 dBc M ax
-7 dBc M ax
-7 dBc M ax
P A RT NUM B ER
RTV S -104DF228Q-S -19.200 RTVS -104DF228I-S -19.680 RTVS -104FF124C-S -26.000
-135 dBc/Hz Ty p.(.1kHz of fs et)
-5 dBc M ax
RTV S -104E F23O-S -13.000
±0.3 ppm M ax
±1.0 ppm M ax /1 year
±1.0 ppm M ax
±1.0 ppm M ax
±5.0 ppm to ±12.0 ppm
(1.5V DC ± 1V DC)
-30°C to + 80°C
-40°C to + 85°C
±2.5 ppm M ax
±0.3 ppm M ax
13.000 M Hz
3.0 ± 1% V DC
1.0 V p-p M in
1.5 mA M ax
V OLTA GE CONTROL
±4.5 to ±8.5 ppm
(2.4V DC ± 1V DC)
±10 to ±20 ppm
(1.2V DC ± 1V DC)
±3.5 to ±7.5 P PM
(1.4V DC ± 1V DC)
FRE QUE NCY S TAB ILITY
A FTE R RE FLOW
±1.0 ppm M ax
±1.0 ppm M ax
±1.0 ppm M ax
APPLICATIONS
Mobile Phones
PDA
Other Mobile Communications
MARKING
AREA
1
4
3
2
LAND PATTERN
* OTHER SPECIFICATIONS AVAILABLE, CONTACT SALES FOR DETAILS
Raltron Electronics Corporation 10651 NW 19th St. Miami, Florida 33172 U.S.A.
Tel: 305-593-6033 Fax: 305-594-3973 e-mail: sales@raltron.com Internet: http://www.raltron.com
PIN CONNECTION
PIN1: Vcont
PIN2: GND
PIN3: Output
PIN4: Vcc


Similar Part No. - RTVS-104EF23O-S-13.000

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RTV-10V102MH10U-R2 TAIYO-YUDEN-RTV-10V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTV]
RTV-10V102MH10UQ-R2 TAIYO-YUDEN-RTV-10V102MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTV]
RTV-10V331MG10U-R2 TAIYO-YUDEN-RTV-10V331MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTV]
RTV-10V331MG10UQ-R2 TAIYO-YUDEN-RTV-10V331MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTV]
RTV-10V471MG10U-R2 TAIYO-YUDEN-RTV-10V471MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RTV]
More results

Similar Description - RTVS-104EF23O-S-13.000

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RTVY-124 RALTRON-RTVY-124 Datasheet
83Kb / 1P
   SURFACE MOUNT TEMPERATURE COMPENSATED VOLTAGE CONTROLLED OSCILLATOR- TCVCXO
logo
MTRONPTI
MTCVO11 MTRONPTI-MTCVO11 Datasheet
62Kb / 1P
   Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
MTCVO25 MTRONPTI-MTCVO25 Datasheet
70Kb / 1P
   Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
MTCVO1121 MTRONPTI-MTCVO1121 Datasheet
62Kb / 1P
   Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
logo
List of Unclassifed Man...
CFPT-125 ETC2-CFPT-125 Datasheet
46Kb / 2P
   Surface mount temperature compensated voltage controlled oscillator
logo
Nel Frequency Controls,...
OE-XBFXXXX-X NEL-OE-XBFXXXX-X Datasheet
111Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
OK-XBFXXXX-X NEL-OK-XBFXXXX-X Datasheet
119Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
OR-XBFXXXX-X NEL-OR-XBFXXXX-X Datasheet
123Kb / 3P
   temperature compensated, voltage controlled crystal oscillators (TCVCXO)
logo
MTRONPTI
MTCVO31 MTRONPTI-MTCVO31 Datasheet
34Kb / 1P
   Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com