Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFBR-2505A Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HFBR-2505A
Description  Fiber Optic Transmitters and Receivers for Fieldbus Applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HFBR-2505A Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HFBR-2505A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HFBR-2505A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
Notes:
1. With recommended Tx and Rx circuits (60 mA nominal drive current).
2. POF HFBR-Exxyyy 0.23 dB/m worst case attentuation.
3. HCS® 10 dB/km worst case attenuation.
4. Including a 3 dB optical safety margin accounting for link service lifetime.
5. Including a 2 dB optical safety margin accounting for link service lifetime.
6. Signaling rate DC to 10 MBd.
7. Signaling rate DC to 2 MBd.
The optical transmission
guideline is a supplement of the
German National DIN E 19258
standard draft. On the European
level, prEN 50254 is the draft of
the INTERBUS-S fieldbus.
Package Information
All HFBR-X5X5X series
transmitters and receivers are
housed in a low-cost, dual-in-line
package that is made of high
strength, heat resistant,
chemically resistant and UL 94
V-O (UL file # E121562) flame
retardant plastic. The
transmitters are easily identified
by the light grey colored
connector port. The receivers are
easily identified by the dark grey
colored connector port. The
package is designed for auto-
insertion and wave soldering so it
is ideal for high volume production
applications.
Handling and Design Information
When soldering, it is advisable to
leave the protective cap on the unit
to keep the optics clean. Good
system performance requires clean
port optics and cable ferrules to
avoid obstructing the optical path.
Clean compressed air often is
sufficient to remove particles of
dirt; methanol on a cotton swab
also works well.
Recommended Chemicals for
Cleaning/Degreasing X5X5X Products
Alcohols: methyl, isopropyl,
isobutyl.
Aliphatics: hexane, heptane.
Other: soap solution, naphtha.
Do not use partially halogenated
hydrocarbons such as
1,1,1 trichloroethane, ketones
such as MEK, acetone,
chloroform, ethyl acetate,
methylene dichloride, phenol,
methylene chloride or
N-methylpyrolldone. Also, Avago
does not recommend the use of
cleaners that use halogenated
hydrocarbons because of their
potential environmental harm.
Specified Link Performance
0˚C to +70˚C unless otherwise noted.
Parameter
Symbol
Min.
Max.
Unit
Condition
Reference
Link Distance with
1
0.1
40
m
POF
Notes 1,2,3,4,6
HFBR-1505A/2505A or
0.1
200
m
HCS®
Notes 1,2,3,5,6
HFBR-1515B/2515B
Link Distance with
1
0.1
50
m
POF
Notes 1,2,3,4,7
HFBR-1505C/2505C
0.1
400
m
HCS®
Notes 1,2,3,5,7
Pulse Width Distortion
PWD
–30
+30
ns
25% to 75%
Note 1
with HFBR-1505A/2505A
duty cycle
or HFBR-1515B/2515B
Pulse Width Distortion
PWD
–125
+125
ns
arbitrary duty cycle
Note 1
with HFBR-1505C/2505C
CAUTION: The small junction size inherent in the design of these components increases the
components’ susceptibility to damage from electrostatic discharge (ESD). It is advised that normal
static precautions be taken in handling and assembly of these components to prevent damage and/or
degradation which may be induced by ESD.


Similar Part No. - HFBR-2505A

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HFBR-2505A HP-HFBR-2505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
More results

Similar Description - HFBR-2505A

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HFBR-0600Z BOARDCOM-HFBR-0600Z Datasheet
764Kb / 9P
   SERCOS Fiber Optic Transmitters and Receivers
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0600Z AVAGO-HFBR-0600Z Datasheet
371Kb / 6P
   SERCOS Fiber Optic Transmitters and Receivers
HFBR-1506AM AVAGO-HFBR-1506AM Datasheet
170Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
HFBR-0541 AVAGO-HFBR-0541 Datasheet
176Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
Agilent(Hewlett-Packard...
HFBR-2506AM HP-HFBR-2506AM Datasheet
188Kb / 8P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2506AMZ AVAGO-HFBR-2506AMZ Datasheet
235Kb / 6P
   Fiber Optic SMA Transmitters and Receivers for 16 MBd SERCOS Applications
logo
Agilent(Hewlett-Packard...
HFBR-1505A HP-HFBR-1505A Datasheet
250Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS, PROFIBUS and INTERBUS-S Applications
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-2505AZ AVAGO-HFBR-2505AZ Datasheet
101Kb / 11P
   Fiber Optic Transmitters and Receivers for SERCOS PROFIBUS and INTERBUS-S Applications
logo
Agilent(Hewlett-Packard...
HFBR-0600 HP-HFBR-0600 Datasheet
247Kb / 6P
   SERCOS Fiber Optic Transmitters and Receiver
logo
Maxim Integrated Produc...
MAX3963 MAXIM-MAX3963 Datasheet
650Kb / 6P
   155Mbps Preamplifier for FDDI and ATM LAN Fiber Optic Receivers
Rev 1; 4/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com