Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM2590V-TE1 Datasheet(PDF) 1 Page - New Japan Radio

Part # NJM2590V-TE1
Description  455kHz INPUT FM IF DEMODULATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2590V-TE1 Datasheet(HTML) 1 Page - New Japan Radio

  NJM2590V-TE1 Datasheet HTML 1Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 2Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 3Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 4Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 5Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 6Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 7Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 8Page - New Japan Radio NJM2590V-TE1 Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
NJM2590/97
-1-
Ver.2004-08-25
455kHz INPUT FM IF DEMODULATOR
GENERAL DESCRIPTION
PACKAGE OUTLINE
The NJM2590 and NJM2597 are low current FM IF demodulator
ICs with 455kHz IF input, which operate from 1.6V supply.
The NJM2590/97 contain the minimum functions required to
FM IF demodulator, that is, IF amplifier, quadrature detector,
LPF amplifier, FSK comparator, RSSI, and RSSI comparator.
It offers unmatched design flexibility.
FEATURES
Low Operating Voltage
1.6V to 5.5V
Low Operating Current
550uA at V+=1.8V
IF Input Frequency
455kHz (standard)
RSSI Comparator
The Range of Linear Area on RSSI Output versus IF Input Characteristics
NJN2590
IF Input level=25 to 60 dBuVEMF (reference value)
NJM2597
IF Input level=35 to 85 dBuVEMF (reference value)
Bipolar Technology
Package Outline
SSOP14
BLOCK DIAGRAM
NJM2590V/97V
V
+
IF IN
14
13
12
11
10
9
8
1
2
4
3
5
6
7
QUAD DET
RSSI
FSK
OUT
CHARGE
GND
DEC
FSK
REF
QUAD
IN
AF
OUT
LPF
IN
LPF
OUT
LPF
RSSI
OUT
RSSI
COMP
SENSE
LEVEL
CARRIER
SENSE
CHARGE
IF AMP
FSK
COMP


Similar Part No. - NJM2590V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2590V NJRC-NJM2590V Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2590V NJRC-NJM2590V Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
More results

Similar Description - NJM2590V-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2597 NJRC-NJM2597 Datasheet
248Kb / 16P
   455kHz INPUT FM IF DEMODULATOR
NJM2592 NJRC-NJM2592 Datasheet
69Kb / 3P
   470MHz INPUT 455kHz FM IF DEMODULATOR
NJM2590 NJRC-NJM2590 Datasheet
60Kb / 2P
   455kHz INPUT FM IF DEMODULATOR IC
NJM2592V-TE1 NJRC-NJM2592V-TE1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2592 NJRC-NJM2592_1 Datasheet
297Kb / 16P
   470MHz INPUT MIXER AND 455kHz FM IF DEMODULATOR IC
NJM2550 NJRC-NJM2550 Datasheet
185Kb / 15P
   10.7MHz INPUT FM IF DEMODULATOR
logo
TEMIC Semiconductors
TBA120T TEMIC-TBA120T Datasheet
78Kb / 4P
   FM IF amplifier and demodulator
logo
New Japan Radio
NJM2549 NJRC-NJM2549 Datasheet
246Kb / 18P
   WIDE BAND FM IF DEMODULATOR
logo
Siemens Semiconductor G...
S041P SIEMENS-S041P Datasheet
55Kb / 6P
   FM IF AMPLIFIER WITH DEMODULATOR
logo
List of Unclassifed Man...
TBA129 ETC-TBA129 Datasheet
78Kb / 4P
   FM IF AMPLIFIER WITH DEMODULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com