Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3201-021 Datasheet(PDF) 2 Page - Lite-On Technology Corporation

Part # HSDL-3201-021
Description  IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

HSDL-3201-021 Datasheet(HTML) 2 Page - Lite-On Technology Corporation

  HSDL-3201-021 Datasheet HTML 1Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 2Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 3Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 4Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 5Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 6Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 7Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 8Page - Lite-On Technology Corporation HSDL-3201-021 Datasheet HTML 9Page - Lite-On Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
Description
The HSDL-3201 is one of a new
generation of low-cost Infrared (IR)
transceiver modules from Avago
Technologies. It features the smallest
footprint in the industry at 2.5 H x 8.0
W x 3.0 D mm. Although the supply
voltage can range from 2.7 V to 3.6 V,
the LED drive current is internally
compensated to a constant 32 mA to
assure that link distances meet the
IrDA Data 1.4 (low power) physical
layer specifications.
The HSDL-3201 meets the 20 cm link
distance to other IrDA 1.4 low power
devices, and a 30 cm link distance to
IrDA 1.4 standard devices.
Application Circuit
HSDL-3201#021 Pinout,
Rear View
VLED
TXD
7
LED
CURRENT
SOURCE
RXD
6
SHUT DOWN
5
RX PULSE
SHAPER
TXD
8 VLED
4 AGND
SD
RXD
VCC
3 VCC
2 NC
1 GND
C1
1.0 µF
87654321
HSDL-3201#008 Pinout,
Rear View
87654321
Applications
• Mobile telecom
– Cellular phones
– Pagers
– Smart phones
• Data communication
– PDAs
– Portable printers
• Digital imaging
– Digital cameras
– Photo-imaging printers
I/O Pins Configuration Table
Pin
Symbol
Description
Notes
1
GND
Ground
Connect to system ground.
2
NC
No Connection
This pin must be left unconnected.
3VCC
Supply Voltage
Regulated: 2.7 to 3.6 Volts
4
AGND
Analog Ground
Connect to a “quiet” ground.
5
SD
Shut Down
This pin must be driven either high or
Active High
low. Do NOT float the pin.
6
RXD
Receiver Data
Output is a low pulse for 2.4
μs
Output. Active Low.
when a light pulse is seen.
7
TXD
Transmitter Data
Logic high turns the LED on. If held
Input. Active High.
high longer than ~ 20
μs, the LED is
turned off. TXD must be driven high
or low. Do NOT float the pin.
8
VLED
LED Voltage
May be unregulated: 2.7 to 6.0 volts.
-
SHIELD
EMI Shield
Connect to system ground via a low
inductance trace. For best
performance, do not directly connect
to GND or AGND at the part.


Similar Part No. - HSDL-3201-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
More results

Similar Description - HSDL-3201-021

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3201-008 LITEON-HSDL-3201-008 Datasheet
166Kb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
HSDL-3201 LITEON-HSDL-3201 Datasheet
1Mb / 20P
   IrDA짰 Data 1.4 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3202 HP-HSDL-3202 Datasheet
284Kb / 16P
   IrDA짰 Data 1.3 Low Power Compliant 115.2 Kb/s Infrared Transceiver
HSDL-3200 HP-HSDL-3200 Datasheet
135Kb / 14P
   IrDA Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3000-007 LITEON-HSDL-3000-007 Datasheet
232Kb / 14P
   IrDA짰 Data Compliant 115.2 kbps Infrared Transceiver
HSDL-3612 LITEON-HSDL-3612 Datasheet
1Mb / 25P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3610 AVAGO-HSDL-3610 Datasheet
1Mb / 26P
   IrDA짰 Data Compliant 115.2 kb/s 3 V to 5 V Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3201 HP-HSDL-3201 Datasheet
302Kb / 20P
   IrDA Data 1.2 Low Power Compliant 115.2 kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com