Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1218GK-0797R6L Datasheet(PDF) 2 Page - YAGEO Corporation

Part # RL1218GK-0797R6L
Description  LOW OHMIC CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RL1218GK-0797R6L Datasheet(HTML) 2 Page - YAGEO Corporation

  RL1218GK-0797R6L Datasheet HTML 1Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 2Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 3Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 4Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 5Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 6Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 7Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 8Page - YAGEO Corporation RL1218GK-0797R6L Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
May. 27, 2016 V.1
Product specification
2
2
SERIES
RL
0402 to 2512
ORDERING INFORMATION - GLOBAL PART NUMBER & 12NC
Both part numbers are identified by the series, size, tolerance, packing
type, temperature coefficient, taping reel and resistance value.
SCOPE
This specification describes
RL0402 to RL2512 low ohmic chip
resistors with lead-free terminations
made by thick film process.
APPLICATIONS
Converters
Printer equipment
Server board
Telecom
Consumer
Car electronics
FEATURES
AEC-Q200 qualified
Halogen Free Epoxy
RoHS compliant
Hazardous wastes
High component and
equipment reliability
Saving of PCB space
Non-forbidden materials used
in products/production
Low resistances applied to
current sensing
MSL Class: MSL 1
ORDERING EXAMPLE
The ordering code of a RL0603
chip resistor, value 0.56Ω with
±1% tolerance, supplied in 7-inch
tape reel is: RL0603FR-070R56L.
NOTE
1. All our R-Chip products meet RoHS
compliant and Halogen Free. "LFP" of
the internal 2D reel label mentions
"Lead Free Process"
2. On customized label, "LFP" or
specific symbol can be printed
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
RL XXXX X X X XX XXXX L
(1)
(2) (3) (4)
(5)
(6)
(7)
(1) SIZE
0402 / 0603 / 0805 / 1206 / 1210 / 1218 / 2010 / 2512
(2) TOLERANCE
F = ± 1%
G = ± 2%
J = ± 5%
"-" = Jumper ordering
(3) PACKAGING TYPE
R = Paper taping reel
K = Embossed taping reel
(4) TEMPERATURE COEFFICIENT OF RESISTANCE
– = Based on spec
(5) TAPING REEL
07 = 7 inch dia. Reel and standard power
13 = 13 inch dia. Reel and standard power
7W = 7 inch dia. Reel and 2 x standard power (0805 and 1206)
(6) RESISTANCE VALUE
There are 2~4 digits indicated the resistor value. Letter R/K/M is decimal point.
Detailed coding rules of resistance are shown in the table of “Resistance rule of global
part number”.
(7) DEFAULT CODE
Letter L is system default code for order only (Note)
Resistance rule of global part
number
Resistance code rule
Example
0RXXX
(1 to 976 mΩ)
0R1 = 0.1 Ω
0R12 = 0.12 Ω
0R105 = 0.105 Ω
XRXX
(1 to 9.76 Ω)
1R = 1 Ω
1R5 = 1.5 Ω
9R76 = 9.76 Ω
XXRX
(10 to 97.6 Ω)
10R = 10 Ω
97R6 = 97.6 Ω
XXXR
(100 to 976 Ω)
100R = 100 Ω
XKXX
(1 to 9.76 KΩ)
1K = 1,000 Ω
9K76 = 9760 Ω
XMXX
(1 to 9.76 MΩ)
1M = 1,000,000 Ω
9M76= 9,760,000 Ω


Similar Part No. - RL1218GK-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL1218GK-07L YAGEO-RL1218GK-07L Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
More results

Similar Description - RL1218GK-0797R6L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
877049 YAGEO-877049 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
List of Unclassifed Man...
RL0402 ETC1-RL0402 Datasheet
307Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW20M WALSIN-WW20M Datasheet
201Kb / 7P
   Ultra low ohmic chip resistors
logo
Rohm
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
   Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
   Low Ohmic Thick Film Chip Resistors
MCR25 ROHM-MCR25_2 Datasheet
81Kb / 5P
   Low Ohmic Thick Film Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com