Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSMS-0730-12 Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DSMS-0730-12
Description  SOLENOID PRODUCT SPECIFICATION
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DSMS-0730-12 Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DSMS-0730-12 Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DUTY CYCLE
POWER (W)
35
DCR (
) *
16
PART No.
VOLTAGE
24 VDC
RoHS Compliant
1.5
CURRENT (A)
9.4
1.92
18 VDC
4.5
2.67
12 VDC
DSMS-0730-12
0.85
5.9
5 VDC
2%, 45msec On
34
32
(RED)
(BLACK)
9 VDC
30
3.35
2.7
DSMS-0730-18
DSMS-0730-24
DSMS-0730-09
DSMS-0730-05
30
STROKE (mm)
2%, 45msec On
2%, 45msec On
2%, 45msec On
2%, 45msec On


Similar Part No. - DSMS-0730-12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DSMS-0730-12 DELTA-DSMS-0730-12 Datasheet
142Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSMS-0730-12 DELTA-DSMS-0730-12 Datasheet
142Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
More results

Similar Description - DSMS-0730-12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DSOL-0844-18 DELTA-DSOL-0844-18 Datasheet
114Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSOL-1333-18A DELTA-DSOL-1333-18A Datasheet
177Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSTL-0216-18 DELTA-DSTL-0216-18 Datasheet
107Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSTL-0216-24 DELTA-DSTL-0216-24 Datasheet
107Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSOL-0844-24 DELTA-DSOL-0844-24 Datasheet
114Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSOL-1333-24A DELTA-DSOL-1333-24A Datasheet
177Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSOL-1341-120 DELTA-DSOL-1341-120 Datasheet
112Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSOL-1341-240 DELTA-DSOL-1341-240 Datasheet
112Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSOS-0416-18D DELTA-DSOS-0416-18D Datasheet
208Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
DSTL-0840-18 DELTA-DSTL-0840-18 Datasheet
142Kb / 1P
   SOLENOID PRODUCT SPECIFICATION
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com