Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALMD-LL37 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-LL37
Description  Well defined spatial radiation pattern
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-LL37 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ALMD-LL37 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ALMD-LL37 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Soldering
Recommended reflow soldering condition:
a. Reflow soldering must not be done more than two
times. Do observe necessary precautions for handling
a moisture-sensitive device, as stated in the following
section.
b. Recommended board reflow direction:
(i) Leaded reflow soldering:
(ii) Lead-free reflow soldering:
c. Do not apply any pressure or force on the LED during
reflow and after reflow when the LED is still hot.
d. It is preferred that you use reflow soldering to
solder the LED. Use hand soldering only for rework
if unavoidable but must be strictly controlled to the
following conditions:
- Soldering iron tip temperature = 320 °C max.
- Soldering duration = 3 sec max.
- Number of cycles = 1 only
- Power of soldering iron = 50 W max.
e. Do not touch the LED body with a hot soldering iron
except the soldering terminals as this may damage the
LED.
f. For de-soldering, it is recommended to use appropriate
double head soldering iron. User is advised to confirm
beforehandwhetherthefunctionalityandperformance
of the LED is affected by hand soldering.
240°C MAX.
20 SEC. MAX.
3°C/SEC.
MAX.
120 SEC. MAX.
TIME
183°C
100-150°C
-6°C/SEC.
MAX.
60-150 SEC.
3°C/SEC. MAX.
217°C
200°C
60 - 120 SEC.
6°C/SEC. MAX.
3 °C/SEC. MAX.
3°C/SEC. MAX.
150°C
255 - 260 °C
100 SEC. MAX.
10 to 30 SEC.
TIME


Similar Part No. - ALMD-LL37

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ALMD-LL37-XZ002 BOARDCOM-ALMD-LL37-XZ002 Datasheet
710Kb / 12P
   High Brightness SMT Oval LED Lamps Amber, Red, Green and Blue
More results

Similar Description - ALMD-LL37

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-LL36 AVAGO-ALMD-LL36 Datasheet
1Mb / 14P
   Well-defined spatial radiation pattern
HLMP-HG74 AVAGO-HLMP-HG74 Datasheet
985Kb / 15P
   Well defined spatial radiation pattern
HLMP-EJ37-R0PDD AVAGO-HLMP-EJ37-R0PDD Datasheet
71Kb / 4P
   Well defined Spatial radiation Patterns
HLMP-AG74 AVAGO-HLMP-AG74 Datasheet
214Kb / 11P
   Well defi ned spatial radiation pattern
logo
STANLEY ELECTRIC CO.,LT...
THB3801C STANLEY-THB3801C Datasheet
477Kb / 19P
   Spatial distribution
FKR3863X STANLEY-FKR3863X Datasheet
444Kb / 20P
   Narrow spatial distribution
logo
List of Unclassifed Man...
LG5804B ETC2-LG5804B Datasheet
45Kb / 1P
   Spatial Distribution
logo
STANLEY ELECTRIC CO.,LT...
THB3809X STANLEY-THB3809X Datasheet
487Kb / 19P
   Wide spatial distribution
LB3803X STANLEY-LB3803X Datasheet
44Kb / 1P
   LB.L G3803X Spatial Distribution
logo
Taoglas antenna solutio...
OMB.450.B03F21 TAOGLAS-OMB.450.B03F21 Datasheet
882Kb / 12P
   Omni-Directional Radiation Pattern
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com