Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALMD-CB3E-SU002 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-CB3E-SU002
Description  Compact form factor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-CB3E-SU002 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-CB3E-SU002 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-CB3E-SU002 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
InGaN
Figure 6. Relative Intensity vs. Wavelength
Figure 7. Forward Current vs. Forward Voltage
Figure 8. Relative Intensity vs. Forward Current
Figure 9. Maximum Forward Current vs. Ambient Temperature
Figure 10. Dominant Wavelength Shift vs. Forward Current
0
10
20
30
40
0
20
40
60
80
100
-10
-5
0
5
10
0
20
40
60
80
100
Green
Blue
FORWARD CURRENT - mA
TA - AMBIENT TEMPERATURE - °C
Blue
Green
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
380
430
480
530
580
630
WAVELENGTH - nm
GREEN
BLUE
0
5
10
15
20
25
30
0
1
2
3
4
FORWARD VOLTAGE - V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0
5
10
15
20
25
30
DC FORWARD CURRENT - mA


Similar Part No. - ALMD-CB3E-SU002

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CB3D-RT002 AVAGO-ALMD-CB3D-RT002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CB3D-SU002 AVAGO-ALMD-CB3D-SU002 Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-CB3D-SU002 BOARDCOM-ALMD-CB3D-SU002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
More results

Similar Description - ALMD-CB3E-SU002

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
   SSD (Solid-State Disk) with compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
List of Unclassifed Man...
891 ETC2-891 Datasheet
902Kb / 6P
   Compact 2U half-rack form factor with 4.3??color display
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com