Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALMD-CM3E Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ALMD-CM3E
Description  Compact form factor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ALMD-CM3E Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ALMD-CM3E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ALMD-CM3E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Device Selection Guide
Part Number
Color and Dominant Wavelength
λd (nm) Typ.[3]
Luminous Intensity Iv (mcd) [1,2,5]
Viewing Angle
Typ. (
°)[4]
Min.
Max.
ALMD-EG3E-VX002
Red 626
4200
9300
30
°
ALMD-EL3E-VX002
Amber 590
4200
9300
ALMD-CM3E-Y1002
Green 525
9300
21000
ALMD-CB3E-SU002
Blue 470
1900
4200
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package and it is tested with pulsing condition.
2. The optical axis is closely aligned with the package mechanical axis.
3. Dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ½ is the off-axis angle where the luminous intensity is half the on-axis intensity.
5. Tolerance for each bin limit is ± 15%.
Part Numbering System
A
L
M
D
-
x1 x2 x3 x4
-
x5 x6 x7 x8 x9
Code
Description
Option
x1
Package type
E
C
Round AlInGaP
Round InGaN
x2
Color
B
G
L
M
Blue
Red
Amber
Green
x3
Viewing angle
3
30°
x4
Product specific designation
E
x5
Minimum intensity bin
Refer to device selection guide
x6
Maximum intensity bin
Refer to device selection guide
x7
Color bin selection
0
Full distribution
x8x9
Packaging option
02
Tested 20mA, 13inch carrier tape


Similar Part No. - ALMD-CM3E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3D AVAGO-ALMD-CM3D Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D-WY002 AVAGO-ALMD-CM3D-WY002 Datasheet
355Kb / 11P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
ALMD-CM3D-Y1002 AVAGO-ALMD-CM3D-Y1002 Datasheet
679Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
Broadcom Corporation.
ALMD-CM3D-Y1002 BOARDCOM-ALMD-CM3D-Y1002 Datasheet
348Kb / 12P
   High Brightness SMT Round LED Lamps Amber, Red, Green and Blue Tinted LEDs
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-CM3F AVAGO-ALMD-CM3F Datasheet
589Kb / 11P
   High brightness material
More results

Similar Description - ALMD-CM3E

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
   Compact form factor
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
   Compact form factor
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
   compact form factor
logo
Laird Tech Smart Techno...
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
   Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
   Compact form factor
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
   Compact form factor
logo
Apacer Technology Inc.
SM22P-297 APACER-SM22P-297 Datasheet
4Mb / 4P
   SSD (Solid-State Disk) with compact form factor
logo
STMicroelectronics
EVAL6520-1421 STMICROELECTRONICS-EVAL6520-1421 Datasheet
1Mb / 16P
   Standard form factor
logo
List of Unclassifed Man...
891 ETC2-891 Datasheet
902Kb / 6P
   Compact 2U half-rack form factor with 4.3??color display
FS-355 ETC2-FS-355 Datasheet
443Kb / 2P
   Core processor module in compact 48-pin DIP form factor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com