Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THTS-1AA550506MZ Datasheet(PDF) 3 Page - SICK AG

Part # THTS-1AA550506MZ
Description  TEMPERATURE SENSORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

THTS-1AA550506MZ Datasheet(HTML) 3 Page - SICK AG

  THTS-1AA550506MZ Datasheet HTML 1Page - SICK AG THTS-1AA550506MZ Datasheet HTML 2Page - SICK AG THTS-1AA550506MZ Datasheet HTML 3Page - SICK AG THTS-1AA550506MZ Datasheet HTML 4Page - SICK AG THTS-1AA550506MZ Datasheet HTML 5Page - SICK AG THTS-1AA550506MZ Datasheet HTML 6Page - SICK AG THTS-1AA550506MZ Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
THTS-1AA550506MZ | THTS
TEMPERATURE SENSORS
Ambient data
Ambient temperature
–40 °C ... +85 °C
Storage and transport temperature
–40 °C ... +85 °C
Shock resistance
50 g, 6ms (according to IEC 60068-2-27)
Relative humidity
100 % 1)
1) , Condensation allowed.
Classifications
ECl@ss 5.0
27200208
ECl@ss 5.1.4
27200208
ECl@ss 6.0
27200208
ECl@ss 6.2
27200208
ECl@ss 7.0
27200208
ECl@ss 8.0
27200208
ECl@ss 8.1
27200208
ECl@ss 9.0
27200208
ETIM 5.0
EC001446
ETIM 6.0
EC001446
UNSPSC 16.0901
41112211
2017-03-14 16:25:09 | Online data sheet
Subject to change without notice
FLUID SENSORS | SICK
3


Similar Part No. - THTS-1AA550506MZ

ManufacturerPart #DatasheetDescription
logo
SICK AG
THTS-1AA510506MZ SICK-THTS-1AA510506MZ Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
THTS-1AA520506MZ SICK-THTS-1AA520506MZ Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
THTS-1AA530506MZ SICK-THTS-1AA530506MZ Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
THTS-1AA540256MZ SICK-THTS-1AA540256MZ Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
THTS-1AA540506MZ SICK-THTS-1AA540506MZ Datasheet
811Kb / 7P
   TEMPERATURE SENSORS
More results

Similar Description - THTS-1AA550506MZ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KTY83120-153 NXP-KTY83120-153 Datasheet
61Kb / 10P
   Silicon temperature sensors Silicon temperature sensors
Rev. 06-4 April 2008
logo
Power-One
MQC02052 POWER-ONE-MQC02052 Datasheet
85Kb / 4P
   Temperature Sensors
logo
SICK AG
TBT-1AAS10503GZ SICK-TBT-1AAS10503GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAN20253PZ SICK-TBT-1AAN20253PZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TBT-1AAGE0253GZ SICK-TBT-1AAGE0253GZ Datasheet
258Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAS13506MZ SICK-TCT-1AAS13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
TCT-1AAG13506MZ SICK-TCT-1AAG13506MZ Datasheet
277Kb / 5P
   TEMPERATURE SENSORS
THTE-1AA540756MZ SICK-THTE-1AA540756MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA541006MZ SICK-THTE-1AA541006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AA542006MZ SICK-THTE-1AA542006MZ Datasheet
786Kb / 6P
   TEMPERATURE SENSORS
THTE-1AAT12006MZ SICK-THTE-1AAT12006MZ Datasheet
789Kb / 7P
   TEMPERATURE SENSORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com