Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1178CCUP Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1178CCUP
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1178CCUP Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1178CCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 10Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 11Page - Maxim Integrated Products MAX1178CCUP Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Power-Down Modes
Select standby mode or shutdown mode with the R/C
bit during the second falling edge of CS (see the
Selecting Standby or Shutdown Mode section). The
MAX1178/MAX1188 automatically enter either standby
mode (reference and buffer on) or shutdown (reference
and buffer off) after each conversion, depending on the
status of R/C during the second falling edge of CS.
Internal Clock
The MAX1178/MAX1188 generate an internal conver-
sion clock to free the µP from the burden of running the
SAR conversion clock. Total conversion time (tCONV)
after entering hold mode (second falling edge of CS) to
end-of-conversion (EOC) falling is 4.7µs (max).
Applications Information
Starting a Conversion
CS and R/C control acquisition and conversion in the
MAX1178/MAX1188 (Figure 2). The first falling edge of
CS powers up the device and puts it in acquire mode if
R/C is low. The convert start is ignored if R/C is high.
The MAX1178/MAX1188 need at least 12ms for the
internal reference to wake up and settle before starting
the conversion (CREFADJ = 0.1µF, CREF = 10µF), if
powering up from shutdown.
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
8
_______________________________________________________________________________________
CS
R/C
REF POWER-
DOWN CONTROL
EOC
tACQ
tCONV
tCSH
tCSL
tDH
tDO
tEOC
tDS
tDV
HBEN
D7/D15–D0/D8
HIGH/LOW
BYTE VALID
HIGH/LOW
BYTE VALID
tDO
tDO1
HIGH-Z
tBR
HIGH-Z
Figure 2. MAX1178/MAX1188 Timing Diagram
D0–D7
OR
D8–D15
µP DATA
BUS
AVDD
DVDD
AGND DGND
+5V ANALOG
+5V DIGITAL
ANALOG INPUT
AIN
HBEN
EOC
CS
R/C
REF
REFADJ
HIGH
BYTE
LOW
BYTE
10
µF
0.1
µF
0.1
µF
0.1
µF
MAX1178
MAX1188
Figure 3. Typical Operating Circuit for the MAX1178/MAX1188


Similar Part No. - MAX1178CCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1178CCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com