Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

20DRGG5 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 20DRGG5
Description  HIGH PERFORMANCE FILTERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

20DRGG5 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  20DRGG5 Datasheet HTML 1Page - Delta Electronics, Inc. 20DRGG5 Datasheet HTML 2Page - Delta Electronics, Inc. 20DRGG5 Datasheet HTML 3Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02DRCG5
05DRCG5
10K
40 dB
80 dB
60 dB
20 dB
0 dB
40 dB
80 dB
60 dB
20 dB
0 dB
100K
1M
10M
COMMON MODE
COMMON MODE
DIFF. MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
10DRCG5
10K
100K
1M
10M
UNIT:
INCH
mm
GG5
CW5
A MAX.
E MAX.
D
0.188(2X)
4.8(2X)
WIRE LENGTH : 4.0" MIN.
6-8
A MAX.
50.8
2.0
0.255X0.157(4X)
6.5X4.0(4X)
BLUE
BLUE
BROWN
BROWN
G/Y
MECHANICAL CONSTRUCTION
INSERTION LOSS (TYPICAL)
MINIMUM INSERTION LOSS IN dB
2A
5
50
65
60
54
46
3, 5A
12
60
65
60
54
46
3, 5A(S)
10
65
70
70
60
50
10A
7
53
60
55
45
40
15A
8
30
40
45
40
40
20A
7
55
50
50
55
40
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
2A
40
60
65
55
50
40
3, 5A
40
60
65
65
60
45
3, 5A(S)
38
60
65
55
45
40
10A
30
60
65
50
45
40
15A
23
45
50
45
40
30
20A
20
35
40
50
55
40
COMMON MODE (L-G) IN 50 OHM SYSTEM


Similar Part No. - 20DRGG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
More results

Similar Description - 20DRGG5

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DRCW5 DELTA-03DRCW5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
03DRCG5 DELTA-03DRCG5 Datasheet
289Kb / 3P
   HIGH PERFORMANCE FILTERS
10DRCW5 DELTA-10DRCW5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGS5 DELTA-20DRGS5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
05DRDG3S DELTA-05DRDG3S Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
10DRCG5 DELTA-10DRCG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
20DRGG5 DELTA-20DRGG5 Datasheet
915Kb / 3P
   HIGH PERFORMANCE FILTERS
03KEEG3DA DELTA-03KEEG3DA Datasheet
91Kb / 1P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
01GEEG3E DELTA-01GEEG3E Datasheet
569Kb / 3P
   HIGH PERFORMANCE IEC CONNECTOR FILTERS
KEN DELTA-KEN Datasheet
163Kb / 1P
   HIGH PERFORMANCE SNAP-IN FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com