Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1178BCUP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1178BCUP
Description  16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1178BCUP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1178BCUP Datasheet HTML 2Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 3Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 4Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 5Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 6Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 7Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 8Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 9Page - Maxim Integrated Products MAX1178BCUP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
16-Bit, 135ksps, Single-Supply ADCs with
Bipolar Analog Input Range
6
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Typical Operating Circuit, AVDD = DVDD = +5V, external reference = +4.096V, CREF = 10µF, CREFADJ = 0.1µF, VREFADJ = AVDD,
CLOAD = 20pF. Typical values are at TA = +25°C, unless otherwise noted.)
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
10
20
30
40
50
60
70
80
90
100
0
1100
fSAMPLE = 131ksps
SFDR vs. FREQUENCY
FREQUENCY (kHz)
10
20
40
60
80
100
120
0
1100
fSAMPLE = 131ksps
THD vs. FREQUENCY
FREQUENCY (kHz)
10
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-110
1100
fSAMPLE = 131ksps
Pin Description
PIN
NAME
FUNCTION
1
D4/D12
Tri-State Digital-Data Output
2
D5/D13
Tri-State Digital-Data Output
3
D6/D14
Tri-State Digital-Data Output
4
D7/D15
Tri-State Digital-Data Output. D15 is the MSB.
5R/
C
Read/Convert Input. Power up and put the MAX1178/MAX1188 in acquisition mode by holding R/
C
low during the first falling edge of
CS. During the second falling edge of CS, the level on R/C
determines whether the reference and reference buffer power down or remain on after conversion.
Set R/
C high during the second falling edge of CS to power down the reference and buffer, or set R/C
low to leave the reference and buffer powered up. Set R/
C high during the third falling edge of CS to
put valid data on the bus.
6
EOC
End of Conversion.
EOC drives low when conversion is complete.
7AVDD
Analog Supply Input. Bypass with a 0.1µF capacitor to AGND.
8
AGND
Analog Ground. Primary analog ground (star ground).
9
AIN
Analog Input
10
AGND
Analog Ground. Connect pin 10 to pin 8.
11
REFADJ
Reference Buffer Output. Bypass REFADJ with a 0.1µF capacitor to AGND for internal reference
mode. Connect REFADJ to AVDD to select external reference mode.
12
REF
Reference Input/Output. Bypass REF with a 10µF capacitor to AGND for internal reference mode.
External reference input when in external reference mode.


Similar Part No. - MAX1178BCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX117 MAXIM-MAX117 Datasheet
94Kb / 8P
   Fully Assembled and Tested
Rev 0; 7/96
MAX1170 MAXIM-MAX1170 Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CBH MAXIM-MAX1170CBH Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1170CDJ MAXIM-MAX1170CDJ Datasheet
83Kb / 12P
   12-Bit, 10Msps, TTL-Output ADC
19-1132; Rev 0; 10/96
MAX1171 MAXIM-MAX1171 Datasheet
87Kb / 12P
   12-Bit, 20Msps, TTL-Output ADC
19-1133; Rev 0; 10/96
More results

Similar Description - MAX1178BCUP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1179 MAXIM-MAX1179 Datasheet
329Kb / 15P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2675; Rev 1; 1/03
MAX1188AEUP MAXIM-MAX1188AEUP Datasheet
336Kb / 14P
   16-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 8/03
MAX1157 MAXIM-MAX1157 Datasheet
301Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
Rev 1; 1/03
MAX1156 MAXIM-MAX1156 Datasheet
298Kb / 15P
   14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range
19-2736; Rev 0; 1/03
MAX1177 MAXIM-MAX1177 Datasheet
293Kb / 13P
   16-Bit, 135ksps, Single-Supply ADC with 0 to 10V Input Range
Rev 0; 8/03
logo
SG Micro Corp
SGM51652H4 SGMICRO-SGM51652H4 Datasheet
1Mb / 43P
   16-Bit, 500kSPS, 4- and 8-Channel,Single Supply, SAR ADCs with Bipolar Input Ranges
DECEMBER 2022-REV.A
logo
Linear Technology
LTC2389 LINER-LTC2389 Datasheet
945Kb / 12P
   18-Bit/16-Bit, 2.5Msps Low Noise, SAR ADCs with Pin-Configurable Analog Input Range
logo
Maxim Integrated Produc...
MAX1134 MAXIM-MAX1134 Datasheet
353Kb / 18P
   16-Bit ADCs, 150ksps, 3.3V Single Supply
19-2464; Rev 0; 4/02
logo
Linear Technology
LTC1605-1 LINER-LTC1605-1_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
LTC1605-2 LINER-LTC1605-2_15 Datasheet
320Kb / 20P
   Single Supply 16-Bit, 100ksps, Sampling ADCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com