Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV931MFX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV931MFX
Description  1.8V, RRIO Operational Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV931MFX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LMV931MFX Datasheet HTML 2Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 3Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 4Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 5Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 6Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 7Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 8Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 9Page - National Semiconductor (TI) LMV931MFX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V = 0V, V
CM =V
+/2, V
O =V
+/2 and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes. See (Note 10)
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
I
O
Output Short Circuit Current
LMV931, Sourcing, V
O =0V
V
IN = 100mV
80
68
100
mA
Sinking, V
O =5V
V
IN = −100mV
58
45
65
5V AC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C. V
+ = 5V, V = 0V, V
CM =V
+/2, V
O = 2.5V and
R
L > 1M
Ω. Boldface limits apply at the temperature extremes. See (Note 10)
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
SR
Slew Rate
(Note 7)
0.42
V/µs
GBW
Gain-Bandwidth Product
1.5
MHz
Φ
m
Phase Margin
71
deg
G
m
Gain Margin
8dB
e
n
Input-Referred Voltage Noise
f = 1kHz, V
CM =1V
50
i
n
Input-Referred Current Noise
f = 1kHz
0.07
THD
Total Harmonic Distortion
f = 1kHz, A
V =+1
R
L = 600
Ω,V
O =1V PP
0.022
%
Amp-to-Amp Isolation
(Note 9)
123
dB
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF. Machine model, 200Ω in series with 100pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of 45mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(MAX) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: V+ = 5V. Connected as voltage follower with 5V step input. Number specified is the slower of the positive and negative slew rates.
Note 8: For guaranteed temperature ranges, see Input Common-Mode Voltage Range specifications.
Note 9: Input referred, V+ = 5V and RL = 100kΩ connected to 2.5V. Each amp excited in turn with 1kHz to produce VO =3VPP.
Note 10: Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating
of the device such that TJ =TA. No guarantee of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA.
See Applications section for information of temperature derating of the device. Absolute Maximum Ratings indicated junction temperature limits beyond which the
device may be permanently degraded, either mechanically or electrically.
www.national.com
6


Similar Part No. - LMV931MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV931MFX TI-LMV931MFX Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX TI1-LMV931MFX Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX TI1-LMV931MFX Datasheet
1Mb / 40P
[Old version datasheet]   Single, Dual, Quad 1.8-V, RRIO Operational Amplifiers
LMV931MFX/NOPB TI-LMV931MFX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
LMV931MFX/NOPB TI1-LMV931MFX/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMV931-N/LMV931-N-Q1/LMV932-N/LMV932-N-Q1/LMV934-N/LMV934-N-Q1 Single/Dual/Quad 1.8V, RRIO Operational Amplifiers
More results

Similar Description - LMV931MFX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV981-N TI1-LMV981-N Datasheet
1Mb / 28P
[Old version datasheet]   Dual 1.8V, RRIO Operational Amplifiers
logo
National Semiconductor ...
LMV981 NSC-LMV981 Datasheet
585Kb / 18P
   1.8V, RRIO Operational Amplifiers with Shutdown
LMV981-N NSC-LMV981-N Datasheet
1Mb / 27P
   Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Texas Instruments
LMV981 TI1-LMV981 Datasheet
1,008Kb / 20P
[Old version datasheet]   Single / LMV982 Dual 1.8V, RRIO Operational Amplifiers with Shutdown
logo
Analog Devices
OP296 AD-OP296_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196GSZ-REEL7 AD-OP196GSZ-REEL7 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
REV. E
OP496 AD-OP496_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
OP196 AD-OP196_15 Datasheet
2Mb / 19P
   Micropower RRIO Operational Amplifiers
logo
Texas Instruments
LMV710-N TI1-LMV710-N Datasheet
1Mb / 25P
[Old version datasheet]   Low Power, RRIO Operational Amplifiers
logo
National Semiconductor ...
LPV521 NSC-LPV521 Datasheet
1Mb / 22P
   Nanopower, 1.8V, RRIO, CMOS Input, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com