Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S643232H-TC60 Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S643232H-TC60
Description  64Mb H-die (x32) SDRAM Specification
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S643232H-TC60 Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S643232H-TC60 Datasheet HTML 1Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 2Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 3Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 4Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 5Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 6Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 7Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 8Page - Samsung semiconductor K4S643232H-TC60 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
CMOS SDRAM
- 4 -
SDRAM 64Mb H-die (x32)
Rev. 1.3 February. 2004
0.002
0.05
MIN
0.008
0.21
± 0.002
± 0.05
0.005 -0.001
+0.003
0.125 -0.035
+0.075
0.010
0.25
TYP
0~8
°C
0.004
0.10
MAX
0.024
0.61
(
)
0.0079
0.20
0.0197
0.50
0.047
1.20
MAX
0.039
1.00
± 0.004
± 0.10
0.891
22.62
MAX
0.875
22.22
± 0.004
± 0.10
+0.07
-0.03
+0.003
-0.001
86Pin TSOP(II) Package Dimension
Package Physical Dimension
#86
#44
#1
#43


Similar Part No. - K4S643232H-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232H-TC60 SAMSUNG-K4S643232H-TC60 Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
More results

Similar Description - K4S643232H-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S643232H SAMSUNG-K4S643232H Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S640432H-TC SAMSUNG-K4S640432H-TC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free
K4S640832K SAMSUNG-K4S640832K Datasheet
327Kb / 14P
   64Mb K-die SDRAM
K4S161622H SAMSUNG-K4S161622H Datasheet
108Kb / 11P
   16Mb H-die SDRAM Specification
K4S640432H-UC SAMSUNG-K4S640432H-UC Datasheet
144Kb / 14P
   64Mb H-die SDRAM Specification 54 TSOP-II with Pb-Free (RoHS compliant)
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com