Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP3990SDX-1.8 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3990SDX-1.8
Description  150mA Linear Voltage Regulator for Digital Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3990SDX-1.8 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LP3990SDX-1.8 Datasheet HTML 3Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 4Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 5Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 6Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 7Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 8Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 9Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 10Page - National Semiconductor (TI) LP3990SDX-1.8 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Output Capacitor, Recommended Specifications (Continued)
Note 15: The capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be considered when selecting
a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended capacitor type is X7R. However, dependent on application, X5R,
Y5V, and Z5U can also be used. (See capacitor section in Applications Hints)
Typical Performance Characteristics. Unless otherwise specified, C
IN = 1.0µF Ceramic, COUT =
0.47 µF Ceramic, V
IN =VOUT(NOM) + 1.0V, TA = 25˚C, VOUT(NOM) = 1.5V , Shutdown pin is tied to VIN.
Output Voltage Change vs Temperature
Ground Current vs Load Current
20076810
20076831
Ground Current vs V
IN.ILOAD = 0mA
Ground Current vs V
IN.ILOAD = 1mA
20076812
20076813
www.national.com
7


Similar Part No. - LP3990SDX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990SD-1.2 TI-LP3990SD-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.2 TI-LP3990SD-1.2 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.2/NOPB TI1-LP3990SD-1.2/NOPB Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.5 TI-LP3990SD-1.5 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990SD-1.5 TI-LP3990SD-1.5 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
More results

Similar Description - LP3990SDX-1.8

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3990TL-0.8 TI-LP3990TL-0.8 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3990MF-3.3 TI-LP3990MF-3.3 Datasheet
979Kb / 24P
[Old version datasheet]   LP3990 150mA Linear Voltage Regulator for Digital Applications
LP3991 TI1-LP3991_14 Datasheet
1Mb / 20P
[Old version datasheet]   300mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
LP3991 INTERSIL-LP3991 Datasheet
325Kb / 12P
   300mA Linear Voltage Regulator for Digital Applications
logo
Texas Instruments
LP3990-Q1 TI1-LP3990-Q1 Datasheet
866Kb / 22P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI1-LP3990_16 Datasheet
1Mb / 28P
[Old version datasheet]   150-mA Linear Voltage Regulator for Digital Applications
LP3990 TI-LP3990_15 Datasheet
996Kb / 28P
[Old version datasheet]   LP3990 150-mA Linear Voltage Regulator for Digital Applications
LP3991 TI-LP3991_15 Datasheet
1Mb / 25P
[Old version datasheet]   LP3991 300-mA Linear Voltage Regulator for Digital Applications
logo
Intersil Corporation
ISL78301 INTERSIL-ISL78301 Datasheet
401Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator for Automotive Applications
logo
Monolithic Power System...
MP2000 MPS-MP2000 Datasheet
184Kb / 6P
   Low Input Voltage 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com