Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C412C105K2R5TA7293 Datasheet(PDF) 3 Page - Kemet Corporation

Part # C412C105K2R5TA7293
Description  Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C412C105K2R5TA7293 Datasheet(HTML) 3 Page - Kemet Corporation

  C412C105K2R5TA7293 Datasheet HTML 1Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 2Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 3Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 4Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 5Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 6Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 7Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 8Page - Kemet Corporation C412C105K2R5TA7293 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1041_AXIMAX_X7R • 1/10/2017
3
Axial Leaded Multilayer Ceramic Capacitors
Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Environmental Compliance
Lead(Pb)-free,REACHandRoHScompliantwithoutexemptionswhenorderedwitha100%tin(Sn)wireleadfinish.
Productorderedwithtin/lead(Sn60/Pb40)wireleadfinishdonotmeetRoHScriteria.
Series
Termination
Finish
(Wire Lead)
RoHS
Compliant
RoHS
Exemption
Code
REACH
Compliant1
Halogen
Free
400(C4XX)
100%MatteSn
Yes
n/a
Yes
Yes
Sn60/Pb40
No
n/a
Yes
Yes
1
REACH compliance indicates product does not contain Substance/s of Very High Concern (SVHC)
Electrical Parameters/Characteristics
Item
Parameters/Characteristics
Operating Temperature Range
−55°Cto+125°C
CapacitanceChangewithReferenceto
+25°Cand0VDCApplied(TCC)
±15%
AgingRate(Maximum%CapLoss/DecadeHour)
3.0%
DielectricWithstandingVoltage
250%ofratedvoltage
(5±1secondandcharge/dischargenotexceeding50mAat25°C)
DissipationFactor(DF)MaximumLimitat25°C
SeeDissipationFactorLimitTable
InsulationResistance(IR)Limitat25°C
SeeInsulationResistanceLimitTable
(Ratedvoltageappliedfor120±5secondsat25°C)
Regarding aging rate: Capacitance measurements (including tolerance) are indexed to a referee time of 1,000 hours.
To obtain IR limit, divide MΩ-µF value by the capacitance and compare to GΩ limit. Select the lower of the two limits.
Capacitance and dissipation factor (DF) measured under the following conditions:
1 kHz ±50 Hz and 1.0 ±0.2 V
rms if capacitance ≤ 10 µF
120 Hz ±10 Hz and 0.5 ±0.1 V
rms if capacitance > 10 µF
Note: When measuring capacitance it is important to ensure the set voltage level is held constant. The HP4284 and Agilent E4980 have a feature known
as Automatic Level Control (ALC). The ALC feature should be switched to "ON."


Similar Part No. - C412C105K2R5TA7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C412C104J5R5TA KEMET-C412C104J5R5TA Datasheet
59Kb / 1P
   Capacitor, ceramic, 0.1 uF, /-5% Tol, 50 V, X7R
C412C104K5R5TA KEMET-C412C104K5R5TA Datasheet
57Kb / 1P
   Ceramic, Commercial Grade, AxiMax, 0.1 uF, 10%, 50 V, X7R
C412C104K5R5TA7200 KEMET-C412C104K5R5TA7200 Datasheet
66Kb / 1P
   Ceramic, AxiMax, 0.1 uF, 10%, 50 V, X7R, AxiMax, Commercial Standard
C412C109J1G5CA KEMET-C412C109J1G5CA Datasheet
672Kb / 48P
   Ceramic Leaded Capacitors
C412C109J1G5HA KEMET-C412C109J1G5HA Datasheet
672Kb / 48P
   Ceramic Leaded Capacitors
More results

Similar Description - C412C105K2R5TA7293

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com