Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VE1812L300R008 Datasheet(PDF) 9 Page - Kemet Corporation

Part # VE1812L300R008
Description  Surface Mount Varistors VE Series High Temperature
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VE1812L300R008 Datasheet(HTML) 9 Page - Kemet Corporation

Back Button VE1812L300R008 Datasheet HTML 5Page - Kemet Corporation VE1812L300R008 Datasheet HTML 6Page - Kemet Corporation VE1812L300R008 Datasheet HTML 7Page - Kemet Corporation VE1812L300R008 Datasheet HTML 8Page - Kemet Corporation VE1812L300R008 Datasheet HTML 9Page - Kemet Corporation VE1812L300R008 Datasheet HTML 10Page - Kemet Corporation VE1812L300R008 Datasheet HTML 11Page - Kemet Corporation VE1812L300R008 Datasheet HTML 12Page - Kemet Corporation VE1812L300R008 Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0003_VE • 10/26/2016
SMD Varistors
VE Series – SMD 150°C Low Voltage High Temperature Varistors
Soldering cont'd
WheneverseveraldifferenttypesofSMDcomponentsarebeingsoldered,eachhavingaspecificsolderingprofile,thesolderingprofile
with the least heat and the minimum amount of heating time is recommended. Once soldering has been completed, it is necessary to
minimizethepossibilityofthermalshockbyallowingthehotPCBtocooltolessthan50°Cbeforecleaning.
Inspection Criteria–theinspectioncriteriatodetermineacceptablesolderjoints,whenWaveorInfraredReflowprocessesareused,will
dependonseveralkeyvariables,principallyterminationmaterialprocessprofiles.
Pb-contining Wave and IR Reflow Soldering – typical “before” and “after” soldering results for Barrier Type End Terminations can be seen
in Fig. 4. Barrier type terminated varistors form a reliable electrical contact and metallurgical bond between the end terminations and the
solder pads. The bond between these two metallic surfaces is exceptionally strong and has been tested by both vertical pull and lateral
(horizontal) push tests. The results exceed established industry standards for adhesion.
The solder joint appearance of a barrier type terminated varistor shows that solder forms a metallurgical junction with the thin tin-alloy
(over the barrier layer), and due to its small volume “climbs” the outer surface of the terminations, the meniscus will be slightly lower.
This optical appearance should be taken into consideration when programming visual inspection of the PCB after soldering.
Ni Sn Barrier Type End Terminations
Fig.4–SolderingCriterionincaseofWaveandIRReflowPb-containingSoldering
Pb-free Wave and IR Reflow Soldering – typical “before” and “after” soldering results for Barrier Type End Terminations are given
in a phenomenon knows as “mirror” or “negative” meniscus. Solder forms a metallurgical junction with the entire volume of the end
termination, i.e. it diffuses from pad to end termination across the inner side, forming a “mirror” or “negative” meniscus. The height of the
solder penetration can be clearly seen on the end termination and is always 30% higher than the chip height.


Similar Part No. - VE1812L300R008

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VE1812K301R095 KEMET-VE1812K301R095_17 Datasheet
53Kb / 1P
   Varistors, VE, Low Voltage High Temperature, 125 V, 95 VAC, 150 V, 252 V, 5 Amps, 300 Amps, 5.2 J, 15 mW
More results

Similar Description - VE1812L300R008

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com