Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB238NS100 Datasheet(PDF) 2 Page - Rohm

Part # RB238NS100
Description  Schottky Barrier Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RB238NS100 Datasheet(HTML) 2 Page - Rohm

  RB238NS100 Datasheet HTML 1Page - Rohm RB238NS100 Datasheet HTML 2Page - Rohm RB238NS100 Datasheet HTML 3Page - Rohm RB238NS100 Datasheet HTML 4Page - Rohm RB238NS100 Datasheet HTML 5Page - Rohm RB238NS100 Datasheet HTML 6Page - Rohm RB238NS100 Datasheet HTML 7Page - Rohm RB238NS100 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
Data Sheet
RB238NS100
lElectrical characteristic curves
FORWARD VOLTAGE : V
F(mV)
V
F-IF CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-IR CHARACTERISTICS
REVERSE VOLTAGE : V
R(V)
V
R-Ct CHARACTERISTICS
0.001
0.01
0.1
1
10
100
1000
10000
0
20
40
60
80
100
T
j = 25°C
T
j = -25°C
T
j = 75°C
T
j = 125°C
T
j = 150°C
0.001
0.01
0.1
1
10
100
0
200
400
600
800
1000
1200
T
j = 75°C
T
j = 25°C
T
j = 125°C
T
j = -25°C
T
j = 150°C
10
100
1000
10000
0
10
20
30
T
j = 25°C
f = 1MHz
trr DISPERSION MAP
20
25
30
35
40
45
50
55
60
Ave. : 24.7ns
T
j=25°C
I
F=0.5A
I
R=1.0A
I
rr / IR=0.25
n=10pcs
2/4
2015.10 - Rev.B


Similar Part No. - RB238NS100

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
RB238NS100 ISC-RB238NS100 Datasheet
298Kb / 2P
   Schottky Barrier Rectifier
logo
Rohm
RB238NS100FH ROHM-RB238NS100FH Datasheet
696Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - RB238NS100

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com