Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C440C105M5R5HA7200 Datasheet(PDF) 4 Page - Kemet Corporation

Part # C440C105M5R5HA7200
Description  Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 - 250 VDC (Commercial Grade)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C440C105M5R5HA7200 Datasheet(HTML) 4 Page - Kemet Corporation

  C440C105M5R5HA7200 Datasheet HTML 1Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 2Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 3Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 4Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 5Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 6Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 7Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 8Page - Kemet Corporation C440C105M5R5HA7200 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1041_AXIMAX_X7R • 1/10/2017
4
Axial Leaded Multilayer Ceramic Capacitors
Aximax, 400 Series, Conformally Coated, X7R Dielectric, 25 – 250 VDC (Commercial Grade)
Insulation Resistance Limit Table
Style/Size
1,000 megohm microfarads
or 100GΩ
500 megohm microfarads
or 10GΩ
410
< 0.15µF
≥0.15µF
412
< 0.15µF
≥0.15µF
420
< 0.47µF
≥0.47µF
430
< 0.47µF
≥0.47µF
440
< 0.47µF
≥0.47µF
Post Environmental Limits
High Temperature Life, Biased Humidity and Storage Life
Style/Size
Rated
DCVoltage
Capacitance
Value
Dissipation Factor
(Maximum%)
Capacitance
Shift
Insulation
Resistance
C410
>25
< 1.0µF
3.0
±20%
10%ofInitial
Limit
≥1.0μF
20.0
25
<2.2μF
5.0
≥2.2μF
20.0
C412, C420,
C440
>25
All
3.0
25
5.0
C430
>25
All
3.0
25
< 10.0µF
5.0
≥10.0μF
20.0
Dissipation Factor (DF) Limit Table
Style/Size
Rated
DC Voltage
Rated
Capacitance
Dissipation Factor
(Maximum %)
C410
25
<2.2μF
3.5
≥2.2μF
10.0
> 25
<1.0μF
2.5
≥1.0μF
10.0
C412, C420, C440
25
All
3.5
> 25
2.5
C430
25
<10.0μF
3.5
≥10.0μF
10.0
> 25
All
2.5


Similar Part No. - C440C105M5R5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C440C105M5U5TA KEMET-C440C105M5U5TA Datasheet
58Kb / 1P
   Ceramic, AxiMax, 1 uF, 20%, 50 V, Z5U, AxiMax, Commercial Standard
C440C105M5U5TA7200 KEMET-C440C105M5U5TA7200 Datasheet
65Kb / 1P
   AxiMax 400 Comm Z5U, Ceramic, 1 uF, 20%, 50 VDC, Z5U, AxiMax, Commercial Standard
More results

Similar Description - C440C105M5R5HA7200

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C410C472J5G5TA7200 KEMET-C410C472J5G5TA7200_17 Datasheet
2Mb / 15P
   Aximax, 400 Series, Conformally Coated, C0G Dielectric, 25 - 250 VDC (Commercial Grade)
C410C105M3U5TA7200 KEMET-C410C105M3U5TA7200 Datasheet
2Mb / 14P
   Aximax, 400, Conformally Coated, Z5U Dielectric, 25 and 250 VDC (Commercial Grade)
C410C105K3N5TA7200 KEMET-C410C105K3N5TA7200 Datasheet
2Mb / 9P
   Aximax, 400 Series, Axial, Conformally Coated, X8L Dielectric, 25 - 50 VDC (Commercial & Automotive Grade)
C320C153J5G5TA7301 KEMET-C320C153J5G5TA7301_V01 Datasheet
2Mb / 19P
   Goldmax, 300 Series, Conformally Coated, C0G Dielectric, 25 – 250 VDC (Commercial Grade)
9/29/2020
C410C472J5H5TA7200 KEMET-C410C472J5H5TA7200 Datasheet
2Mb / 10P
   Aximax, 400 Series, Axial, Conformally Coated, Ultra-Stable X8R Dielectric, 50 - 200 VDC (Commercial & Automotive Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_16 Datasheet
2Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301 Datasheet
3Mb / 20P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C320C473KCR5TA7301 KEMET-C320C473KCR5TA7301_V01 Datasheet
1Mb / 19P
   High Voltage Goldmax, 300 Series, Conformally Coated, X7R Dielectric, 500 – 3,000 VDC (Commercial Grade)
12/15/2022
C0402C182K5RACTU KEMET-C0402C182K5RACTU Datasheet
824Kb / 21P
   X7R Dielectric, 6.3 . 250 VDC (Commercial Grade)
C1210C226M3RACTU KEMET-C1210C226M3RACTU Datasheet
1Mb / 24P
   X7R Dielectric, 6.3 ??250 VDC (Commercial Grade)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com