Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P276EE104K275A Datasheet(PDF) 1 Page - Kemet Corporation

Part # P276EE104K275A
Description  PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

P276EE104K275A Datasheet(HTML) 1 Page - Kemet Corporation

  P276EE104K275A Datasheet HTML 1Page - Kemet Corporation P276EE104K275A Datasheet HTML 2Page - Kemet Corporation P276EE104K275A Datasheet HTML 3Page - Kemet Corporation P276EE104K275A Datasheet HTML 4Page - Kemet Corporation P276EE104K275A Datasheet HTML 5Page - Kemet Corporation P276EE104K275A Datasheet HTML 6Page - Kemet Corporation P276EE104K275A Datasheet HTML 7Page - Kemet Corporation P276EE104K275A Datasheet HTML 8Page - Kemet Corporation P276EE104K275A Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3011_PME271M_X2_275 • 5/14/2015
1
One world. One KEMET
Benefits
• Approvals: ENEC, UL, cUL
• Rated voltage: 275 VAC 50/60 Hz
• Capacitance range: 0.001 - 0.6 µF
• Lead spacing: 10.2 – 25.4 mm
• Capacitancetolerance:M=±20%(forC≤0.1µF),
K = ±10% (for C > 0.1 µF)
• Climatic category: 40/110/56, IEC 60068–1
• Tape and reel in accordance with IEC 60286–2
• RoHS Compliant and lead-free terminations
• Operatingtemperaturerangeof-40˚Cto+110˚C
• 100% screening factory test at 2,150 VDC
Overview
The PME271M Series is constructed of multilayer metallized
paper encapsulated and impregnated in self-extinguishing
material meeting the requirements of UL 94 V–0.
Applications
Typical applications include worldwide use in electromagnetic
interference suppression in all X2 and across-the-line
applications.
AC Line EMI Suppression and RC Networks
PME271M Series Metallized Impregnated Paper,
Class X2, 275 VAC
Legacy Part Number System
PME271
M
(B)
610(0)
M
R30
Series
Rated Voltage (VAC)
Lead Spacing (mm)
Capacitance Code (pF)
Capacitance
Tolerance
Packaging
X2, Metallized Paper
M = 275
Blank = Standard
A = 10.2
B = 15.2
D = 22.5
The last three digits
representsignificant
figures.Thefirstdigit
specifiesthetotal
number of digits.
M=±20%(forC≤0.1µF)
K = ±10% (for C > 0.1 µF)
See Ordering
Options Table
New KEMET Part Number System
P
276
Q
E
104
M
275
A
Capacitor
Class
Series
Lead Spacing
(mm)
Size Code
Capacitance Code (pF)
Capacitance
Tolerance
Rated Voltage
(VAC)
Packaging
P = Paper X2, Metallized
Paper
H = 10.2
Q = 15.2
C = 20.3
S = 22.5
E = 25.4
See Dimension
Table
First two digits represent
significantfigures.Third
digitspecifiesnumberof
zeros.
M=±20%(forC≤0.1µF)
K = ±10% (for C > 0.1 µF)
275 = 275
See Ordering
Options Table
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - P276EE104K275A

ManufacturerPart #DatasheetDescription
logo
ETAL Group
P2769 ETAL-P2769 Datasheet
143Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
P2769TR ETAL-P2769TR Datasheet
143Kb / 5P
   MICROPROFILE PICK-OFF TRANSFORMER
More results

Similar Description - P276EE104K275A

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PME271M447MR30 KEMET-PME271M447MR30 Datasheet
53Kb / 1P
   PME271M/P276, Film, Metallized Paper, Safety, 4700 pF, 20%, 630 VDC, 275 VAC (X2), 110C, Lead Spacing = 10.2mm
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com