Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PME271MA610MR30 Datasheet(PDF) 2 Page - Kemet Corporation

Part # PME271MA610MR30
Description  PME271M Series Metallized Impregnated Paper,Class X2, 275 VAC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PME271MA610MR30 Datasheet(HTML) 2 Page - Kemet Corporation

  PME271MA610MR30 Datasheet HTML 1Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 2Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 3Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 4Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 5Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 6Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 7Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 8Page - Kemet Corporation PME271MA610MR30 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3011_PME271M_X2_275 • 5/14/2015
2
Film Capacitors
AC Line EMI Suppression and RC Networks – PME271M Series Metallized Impregnated Paper, Class X2, 275 VAC
Benefits cont'd
• The highest possible safety regarding active and passive
flammability
• Excellent self-healing properties ensure long life even when
subjected to frequent over voltages
• Good resistance to ionization due to impregnated dielectric
• High dV/dt capability
• The impregnated paper ensures excellent stability and
outstanding reliability properties, especially in applications with
continuous operation
Ordering Options Table
Lead
Spacing
Nominal
(mm)
Type of Leads and Packaging
Lead Length
(mm)
KEMET
Lead and
Packaging
Code
Legacy
Lead and
Packaging
Code
10.2
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
P
R19T1
Native 10.2
formed to 7.5
Ammo Pack
H
0=16.5+/-0.5
LAF3
R30XA
15.2
Standard Lead and Packaging Options
Bulk (Bag) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
P
R19T1
20.3
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30
Tape & Reel (Standard Reel)
H
0=18.5+/-0.5
L
R19T0
Other Lead and Packaging Options
Tape & Reel (Large Reel)
H
0=18.5+/-0.5
P
R19T1
25.4
Standard Lead and Packaging Options
Bulk (Tray) – Short Leads
6+0/-1
C
R06
Bulk (Bag) – Max Length Leads
30+5/-0
A
R30


Similar Part No. - PME271MA610MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PME271MA4680MR30 KEMET-PME271MA4680MR30 Datasheet
56Kb / 1P
   PME271M/P276, Film, Metallized Paper, Safety, 6800 pF, 20%, 275 VAC (X2), 630 VDC, 110C, Lead Spacing = 10.2mm
More results

Similar Description - PME271MA610MR30

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PMR209MB5470M047R30 KEMET-PMR209MB5470M047R30 Datasheet
2Mb / 13P
   PMR209 Series Metallized Impregnated Paper, Class X2, 250 VAC
PZB300MC11R30 KEMET-PZB300MC11R30 Datasheet
361Kb / 8P
   PZB300 Series Metallized Impregnated Paper, 275 VAC Delta Configuration X2 2x Y2
PME271Y410MR30 KEMET-PME271Y410MR30 Datasheet
1Mb / 13P
   PME271Y Series Metallized Impregnated Paper, Class Y2, 250 VAC
P277QE103M300A KEMET-P277QE103M300A Datasheet
1Mb / 13P
   PME271E Series Metallized Impregnated Paper, Class X1, 300 VAC
P295BE471M500A KEMET-P295BE471M500A Datasheet
516Kb / 10P
   P295 Series Metallized Impregnated Paper, Class Y1, 500 VAC
P278HE102M480A KEMET-P278HE102M480A Datasheet
2Mb / 12P
   P278 Series Metallized Impregnated Paper, Class X1, 480 VAC
PME271YA4100MR30 KEMET-PME271YA4100MR30_17 Datasheet
1Mb / 14P
   PME271Y A?밇 Series Metallized Impregnated Paper, Class Y2, 300 VAC
PME271M447MR30 KEMET-PME271M447MR30 Datasheet
53Kb / 1P
   PME271M/P276, Film, Metallized Paper, Safety, 4700 pF, 20%, 630 VDC, 275 VAC (X2), 110C, Lead Spacing = 10.2mm
P405QE104M125AH330 KEMET-P405QE104M125AH330 Datasheet
2Mb / 12P
   Metallized Impregnated Paper, 125 VAC/250 VDC
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com