Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT105 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LT105
Description  LT Series: 25/30 WATT Wide Input Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LT105 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LT105 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT105 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
42
INPUT
INPUT CURRENTS
MODEL
VOLTAGE
OUTPUT
OUTPUT
%
NUMBER
RANGE
VOLTAGE
CURRENT
NO LOAD
FULL LOAD
EFF
LT101
9-36VDC
5VDC
5000mA
20mA
2700mA
75
LT102
9-36VDC
12VDC
2500mA
20mA
3100mA
81
LT103
9-36VDC
15VDC
2000mA
20mA
3100mA
81
LT104
9-36VDC
±12VDC
±1250mA
20mA
3100mA
81
LT105
9-36VDC
±15VDC
±1000mA
20mA
3100mA
81
LT106
9-36VDC
+5/+12/-5VDC
3000/+600/1000mA
50mA
3200mA
71
LT107
9-36VDC
5/±12VDC
3000/±600mA
50mA
3200mA
77
LT108
9-36VDC
5/±15VDC
3000/±500mA
50mA
3200mA
78
LT201
20-72VDC
5VDC
5000mA
20mA
1360mA
77
LT202
20-72VDC
12VDC
2500mA
20mA
1500mA
83
LT203
20-72VDC
15VDC
2000mA
20mA
1500mA
83
LT204
20-72VDC
±12VDC
±1250mA
20mA
1500mA
81
LT205
20-72VDC
±15VDC
±1000mA
20mA
1500mA
83
LT206
20-72VDC
+5/+12/-5VDC
3000/+600/1000mA
40mA
1560mA
73
LT207
20-72VDC
5/±12VDC
3000/±600mA
40mA
1500mA
82
LT208
20-72VDC
5/±15VDC
3000/±500mA
40mA
1500mA
83
MODELS CHART
NOTE: Nominal Input Voltage 12 or 24 VDC
LT Series: 25/30 WATT
Wide Input Range
DC/DC Converters
FEATURES
4:1 Input Range
External Output Trim
Isolated Outputs
Remote Disable
Efficiency to 84%
Six-sided Shield
100 kHz Switching Frequency
PCB Mountable
260 Hopping Brook Road
Holliston, Massachusetts 01746
Tel. (508) 429-4440
Fax (800) 226-2100
http://www.intlpower.com


Similar Part No. - LT105

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
334Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
444Kb / 26P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
228Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
logo
Texas Instruments
LT1054 TI-LT1054 Datasheet
436Kb / 27P
[Old version datasheet]   SWITCHED-CAPACITOR VOLTAGE CONVERTERS WITH REGULATORS
logo
Linear Technology
LT1054 LINER-LT1054 Datasheet
268Kb / 16P
   Switched-Capacitor Voltage Converter with Regulator
More results

Similar Description - LT105

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MPW1000 TOTAL-POWER-MPW1000_17 Datasheet
488Kb / 8P
   25~30W wide input range
MKW5000 TOTAL-POWER-MKW5000 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
List of Unclassifed Man...
WR12S05 ETC1-WR12S05 Datasheet
37Kb / 2P
   30 Watt Wide input DC/DC converters
logo
XP Power Limited
QSB30024S05 XPPOWER-QSB30024S05 Datasheet
148Kb / 4P
   Wide Input Range
QSB300 XPPOWER-QSB300 Datasheet
148Kb / 4P
   Wide Input Range
logo
Emerson Network Power
ALO20F36 EMERSON-NETWORKPOWER-ALO20F36 Datasheet
117Kb / 2P
   Wide Range Input
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
C&D Technologies
PWR72 CANDD-PWR72 Datasheet
23Kb / 2P
   3 WATT UNREGULATED WIDE INPUT RANGE DC/DC CONVERTERS
WFC02R CANDD-WFC02R Datasheet
177Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
logo
Murata Power Solutions ...
WFC02RC MURATA-PS-WFC02RC Datasheet
155Kb / 4P
   2 WATT REGULATED WIDE INPUT RANGE DC/DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com