Part Name
         Description
IS22C022

 VERSATILE 20 SEC INSTANT VOICE ROM ( 11 Page)


ISSI
100% 
Zoom Out Zoom In
 
 5 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
5
Rev. A
11/15/99
IS22C022
ISSI®
DC CHARACTERISTICS
Symbol
Parameter Description
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
2.4
3.0
6.0
V
ISB
Standby Current
Vcc = 3.0V, I/O Open
1
5
µA
IOP
Operating Current
Vcc = 3.0V, I/O Open
100
µA
VIH
Input HIGH Voltage
Vcc = 3.0V
2.5
3.0
3.5
V
VIL
Input LOW Voltage
Vcc = 2.0V
–0.3
0
0.3
V
IOH
VOUT HIGH Operating Current
Vcc = 3.0V, VOUT = 3.0V
–12
mA
IOL
VOUT LOW Operating Current
Vcc = 3.0V, VOUT = 0V
12
mA
ICO
COUT Operating Current
Vcc = 3.0V, VCOUT = 0.7V
–2
mA
ISTPH
STP HIGH Operating Current
Vcc = 3.0V, VSTP = 3.0V
–5
mA
ISTPL
STP LOW Operating Current
Vcc = 3.0V, VSTP = 0V
5
mA
ILED
LED Output Current
Vcc = 2.2V – 6.0V
6
8
10
mA
ÐF/F
Frequency Stability
(FOSC [3V] – FOSC [3.5V]) / FOSC (3.0V)
——
5
%
SAMPLING FREQUENCY vs
ROSC FOR IS22C022
Common Sampling Rate vs. Oscillator Resistor
Sampling Frequency
ROSC
KHz
Kohm
5.0
1,920
5.5
1,750
6.0
1,610
6.5
1,490
7.0
1,380
7.5
1,290
8.0
1,200
8.5
1,130
9.0
1,070
9.5
1,010
10.0
961
10.5
915
11.0
874
12.0
835
SAMPLING FREQUENCY vs
ROSC FOR IS22C022
Common Resistors vs. Sampling Rate
ROSC
Sampling Frequency
Kohm
KHz
2000
4.8
1500
6.5
1300
7.5
1200
8.0
1000
9.5
910
10.5
820
11.7
750
12.7
680
14.0
560
16.7
510
18.1
470
19.5



Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
API8108AVERSATILE 10 SEC INSTANT VOICE ROM 1 2 3 4 5 MoreAplus Intergrated Circuits
API8208AVERSATILE 20 SEC INSTANT VOICE ROM 1 2 3 4 5 MoreAplus Intergrated Circuits
APL8208VERSATILE 20 SEC INSTANT VOICE ROM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IS22C012VERSATILE 10 SEC INSTANT VOICE ROM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
API840N32 to 40 SEC INSTANT VOICE ROM 1 2 3 4 5 MoreAplus Intergrated Circuits
22C04032 to 40 SEC INSTANT VOICE ROM 1 2 3 4 5 MoreIntegrated Silicon Solution, Inc
MSS0617Variable pitch variable loudness 6 Voice ROM 1 Mosel Vitelic, Corp
MSM6652Internal Mask ROM Voice Synthesis IC Internal One-Time-Programmable OTP ROM Voice Synthesis IC External ROM Drive Voice Synthesis IC 1 2 3 4 5 MoreOKI electronic componets
MSSI121-212 Instant Voice VROM 1 Mosel Vitelic, Corp
MSS0618Transistor-less variable pitch 6 Voice ROM 1 Mosel Vitelic, Corp

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl