Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP4460 Datasheet(PDF) 9 Page - Asahi Kasei Microsystems

Part # AP4460
Description  Step-up DC-DC Converter with Power Path for Single Solar Cell
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP4460 Datasheet(HTML) 9 Page - Asahi Kasei Microsystems

Back Button AP4460 Datasheet HTML 5Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 6Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 7Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 8Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 9Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 10Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 11Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 12Page - Asahi Kasei Microsystems AP4460 Datasheet HTML 13Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
[AP4460]
014012310-E-01
2015/04
- 9 -
F1, F2 and F3 switches compose the Power Path function. The F1 switch is placed between the PPIN pin and the
VS1 pin, F2 switch is placed between the VS1 pin and the VS2 pin and F3 switch is placed between the VS1 pin
and the VOUT pin. The F1 switch is synchronized with DC-DC convertor statement that is controlled by the VD
condition. When the VD voltage reaches VVDTGT by DC-DC converter, the F1 switch becomes ON state and the
VD charge is transferred to VS1 to charge the external capacitor until VD voltage becomes less than
VVDTGT-VVDTGTHYS. In other situations, the F1 switch is in OFF state to prevent reverse current flowing from the
VS1 pin to the VD pin. When the VS1 voltage reaches VVOUTEN, the F3 switch becomes ON state and the VOUT
output is available for system loads. The F3 switch is turned OFF when the VS1 voltage becomes less than
VVOUTDIS. When the VS1 voltage reaches VVS2CHG, the F2 switch changes to ON state and the VS1 charge is
transferred to the capacitor connected to the VS2 pin until the VS1 voltage becomes VVS2HLD. When VS1 voltage
drops less than VVS2DCH, the F2 switch also becomes ON state and the VS2 charge is transferred to the capacitor
connected to the VS1 pin. If the VS1 voltage is below VVOUTDIS, the F2 switch is turned OFF. Unnecessary power
dissipation of the external system can be reduced by setting VOUTDIS higher than the lowest operation voltage of
the external system connected to the VOUT pin. When the VD voltage becomes less than VVPORL, the F2 and F3
switches become ON state. At this time, if the capacitor connected to the VS2 pin (CVS2) is charged enough, the
power supply operation to the external system is continued. In case the VD voltage again reaches VVDTGT, the F2
and F3 switches remain in ON state if the VS1 voltage is over VVOUTDIS×1.03. If VS1 voltage is below VVOUTDIS,
the F2 and F3 switches change to OFF state.
Figure 4. State Transition of the Power Path Switches
10.2 Determine the control threshold of the DC-DC converter and power path
Four resistors are needed to connect in series between the VREF pin and GND to determine the output target of
the DC-DC convertor (VVDTGT), the output start voltage of the VOUT pin and charge/discharge threshold of the
super capacitor. The voltages between each resistor should be input to the VDSET pin, the VSSET pin and the
VLSET pin. The control threshold of the DC-DC convertor input voltage can be determined by connecting three
resistors in series between the VREF pin and GND, and the voltages between each resistor should be input to the
MPPH pin and the MPPL pin. The connection of resistors is shown in Figure 5.
Figure 5. Resistor connection circuit


Similar Part No. - AP4460

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AP4460A HUAXINAN-AP4460A Datasheet
310Kb / 3P
   Step-up DC-DC Converter
logo
Asahi Kasei Microsystem...
AP4460A AKM-AP4460A Datasheet
310Kb / 3P
   Step-up DC-DC Converter with Power Path for Single Solar Cell
More results

Similar Description - AP4460

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AP4460A AKM-AP4460A Datasheet
310Kb / 3P
   Step-up DC-DC Converter with Power Path for Single Solar Cell
logo
HuaXinAn Electronics CO...
AP2200B HUAXINAN-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
Asahi Kasei Microsystem...
AP2200B AKM-AP2200B Datasheet
1Mb / 16P
   Step-Up DC-DC Converter IC Supporting Dye-sensitized Solar Cell
logo
ams AG
AS1323 AMSCO-AS1323_1 Datasheet
665Kb / 14P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-up Converter
AS1323 AMSCO-AS1323 Datasheet
342Kb / 13P
   1.6uA Quiescent Current, Single Cell, DC-DC Step-Up Converter
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
   Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Analog Intergrations Co...
AIC1630 AIC-AIC1630 Datasheet
374Kb / 11P
   2-Cell, Step-Up DC/DC Converter Controller
AIC1631 AIC-AIC1631 Datasheet
287Kb / 10P
   2-Cell, 500mA, Step-Up DC/DC Converter
AIC1633 AIC-AIC1633 Datasheet
281Kb / 10P
   2-Cell, 200mA, Step-Up DC/DC Converter
logo
Sipex Corporation
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
   Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com