Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK09911 Datasheet(PDF) 2 Page - Asahi Kasei Microsystems

Part # AK09911
Description  3-axis Electronic Compass
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK09911 Datasheet(HTML) 2 Page - Asahi Kasei Microsystems

  AK09911 Datasheet HTML 1Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 2Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 3Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 4Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 5Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 6Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 7Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 8Page - Asahi Kasei Microsystems AK09911 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
[AK09911]
MS1526-E-01
2014/7
- 2 -
2. Overview
AK09911 is 3-axis electronic compass IC with high sensitive Hall sensor technology.
Small package of AK09911 incorporates magnetic sensors for detecting terrestrial magnetism in the X-axis, Y-axis, and
Z-axis, a sensor driving circuit, signal amplifier chain, and an arithmetic circuit for processing the signal from each sensor.
Self test function is also incorporated. From its compact foot print and thin package feature, it is suitable for map heading
up purpose in GPS-equipped cell phone to realize pedestrian navigation function.
AK09911 has the following features:
(1)
Silicon monolithic Hall-effect magnetic sensor with magnetic concentrator realizes 3-axis magnetometer on a
silicon chip. Analog circuit, digital logic, power block and interface block are also integrated on a chip.
(2)
Wide dynamic measurement range and high resolution with lower current consumption.
 Output data resolution:
14-bit (0.6 µT/LSB)
 Measurement range:
±4900 µT
 Average current at 100 Hz repetition rate:
2.4 mA (typ.)
(3)
Digital serial interface
 I2C bus interface to control AK09911 functions and to read out the measured data by external CPU. A
dedicated power supply for I
2C bus interface can work in low-voltage apply as low as 1.65V.
(4)
DRDY register informs to system that measurement is end and set of data in registers are ready to be read.
(5)
Device is worked by on-chip oscillator so no external clock source is necessary.
(6)
Self test function with internal magnetic source to confirm magnetic sensor operation on end products.


Similar Part No. - AK09911

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09911C AKM-AK09911C Datasheet
105Kb / 1P
   3-axis magnetometer device suitable for compass application
More results

Similar Description - AK09911

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK09911 HUAXINAN-AK09911 Datasheet
451Kb / 18P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09916 AKM-AK09916 Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK09916C AKM-AK09916C Datasheet
794Kb / 29P
   3-axis Electronic Compass
AK8975 AKM-AK8975 Datasheet
634Kb / 34P
   3-axis Electronic Compass
AK8963 AKM-AK8963 Datasheet
300Kb / 18P
   3-axis Electronic Compass
logo
HuaXinAn Electronics CO...
AK09912 HUAXINAN-AK09912 Datasheet
643Kb / 20P
   3-axis Electronic Compass
logo
Asahi Kasei Microsystem...
AK09918C AKM-AK09918C Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK09918 AKM-AK09918 Datasheet
819Kb / 30P
   3-axis Electronic Compass
AK8963N AKM-AK8963N Datasheet
655Kb / 38P
   3-axis Electronic Compass
AK8973 AKM-AK8973 Datasheet
328Kb / 31P
   3-axis Electronic Compass
AK09912 AKM-AK09912 Datasheet
1Mb / 42P
   3-axis Electronic Compass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com