Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7779ACPZ-RL Datasheet(PDF) 8 Page - Analog Devices

Part # AD7779ACPZ-RL
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779ACPZ-RL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7779ACPZ-RL Datasheet HTML 4Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 5Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 6Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 7Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 8Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 9Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 10Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 11Page - Analog Devices AD7779ACPZ-RL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
Data Sheet
AD7779
Rev. A | Page 7 of 100
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Reference buffer enabled,
high resolution mode
10
nA/V
Reference buffer enabled,
low power mode
5
nA/V
TEMPERATURE RANGE
Specified Performance
TMIN to TMAX
−40
+105
°C
Functional2
TMIN to TMAX
−40
+125
°C
TEMPERATURE SENSOR
Accuracy
±2
°C
DIGITAL FILTER RESPONSE
(SINC3)
Group Delay
See the SRC Group
Delay section
Settling Time
See the Settling
Time section
Pass Band
−0.1 dB
See the SRC
Bandwidth section
−3 dB
See the SRC
Bandwidth section
Decimation Rate
High resolution mode
128
4095.99
Low power mode
64
4095.99
CLOCK SOURCE
Frequency
High resolution mode
0.655
8.192
MHz
Low power mode
1.3
4.096
MHz
Duty Cycle
45:55
50:50
55:45
%
Σ-Δ ADC
Speed and Performance
Resolution
24
Bits
ODR
High resolution mode
16
kSPS
Low power mode
8
kSPS
No Missing Codes
24
Bits
AC Accuracy
Dynamic Range
Shorted inputs, PGAGAIN = 1
16 kSPS
High resolution mode
108
dB
4 kSPS
High resolution mode
116
dB
Low power mode
106
dB
1 kSPS
Low power mode
116
dB
THD
−0.5 dBFS, high resolution mode
−109
dB
−0.5 dBFS, low power mode
−105
dB
SINAD
fIN = 60 Hz
106
dB
SFDR
High resolution mode, 16 kSPS,
PGAGAIN = 1
132
dB
Intermodulation Distortion
(IMD)
fA = 50 Hz, fB = 51 Hz, high
resolution mode
−125
dB
fA = 50 Hz, fB = 51 Hz, low power
mode
−105
dB
DC Power Supply Rejection
AVDD1x = 3.3 V
−90
dB
DC Common-Mode
Rejection Ratio
80
dB
Crosstalk
−120
dB


Similar Part No. - AD7779ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7779ACPZ-RL AD-AD7779ACPZ-RL Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
More results

Similar Description - AD7779ACPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7779 AD-AD7779 Datasheet
1Mb / 97P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770_17 Datasheet
2Mb / 98P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7770 AD-AD7770 Datasheet
1Mb / 94P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771_17 Datasheet
1Mb / 99P
   8-Channel, 24-Bit, Simultaneous Sampling ADC
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Maxim Integrated Produc...
MAX11040K MAXIM-MAX11040K_V01 Datasheet
2Mb / 35P
   24-/16-Bit, 4-Channel, Simultaneous-Sampling, 24-/16-Bit, 4-Channel, Simultaneous-Sampling,
2015
MAX11040 MAXIM-MAX11040 Datasheet
363Kb / 31P
   24-Bit, 4-Channel, Simultaneous-Sampling, Cascadable, Sigma-Delta ADC
Rev 0; 5/09
MAX11040 MAXIM-MAX11040_10 Datasheet
343Kb / 32P
   24-Bit, 4-Channel, Simultaneous-Sampling,Cascadable,Sigma-Delta ADC
Rev 2; 6/10
logo
Analog Devices
AD7608 AD-AD7608 Datasheet
689Kb / 32P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
REV. A
AD7608 AD-AD7608_17 Datasheet
725Kb / 33P
   8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com