Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAD.71X.A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PAD.71X.A
Description  Highest Efficiency Wide-band Embedded MIMO Antenna
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PAD.71X.A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PAD.71X.A Datasheet HTML 1Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 2Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 3Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 4Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 5Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 6Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 7Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 8Page - Taoglas antenna solutions PAD.71X.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
SPE-14-8-081/B/WY
| page 3 of 21
2.
Specifications
698~960MHz
1.0dBi
-2.7 dB
53%
1710~2170MHz
3.0dBi
-2.6 dB
54%
2300~2400MHz
3.5dBi
-2.5dB
55%
2490~2690MHz
2.8dBi
-2.2dB
60%
MECHANICAL
ENVIRONMENTAL
Dimensions (mm)
Material
Termination
EVB Connector
Operation Temperature
Storage Temperature
Relative Humidity
RoHs Compliant
106x125.0x0.75 mm
FR4
Ag (environmental-friendly Pb free)
SMA(F)
-40°C to 85°C
-40°C to 105°C
Non-condensing 65°C 95% RH
Yes
ANTENNA
STANDARD
Operation Frequency (MHz)
Peak Gain
Average Gain
Efficiency
VSWR
Impedance
Polarization
Radiation Properties
Max Input Power
ELECTRICAL
PA.710 and PA.711
2G/3G/4G
<3.5:1
50Ω
Linear
Omni-directional
5 W
• The PA.710 and PA.711 antennas performance were measured with 106x125mm ground plane.


Similar Part No. - PAD.71X.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PAD.71X.A TAOGLAS-PAD.71X.A Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
PAD.71X.A TAOGLAS-PAD.71X.A_17 Datasheet
1Mb / 21P
   GEMINI EMBEDDED LTE MIMO 2*2 ANTENNA
More results

Similar Description - PAD.71X.A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXUB70.A.07.C.001 TAOGLAS-FXUB70.A.07.C.001_17 Datasheet
2Mb / 18P
   4G LTE Wide Band Flex MIMO Antenna
FXUB70A07C001 TAOGLAS-FXUB70A07C001 Datasheet
2Mb / 21P
   4G LTE Wide Band Flex MIMO Antenna
PA.700.J TAOGLAS-PA.700.J Datasheet
1Mb / 17P
   High efficiency wide-band antenna
PA.711.A TAOGLAS-PA.711.A Datasheet
1Mb / 40P
   High Efficiency Wide-Band Antenna
PA.710.A TAOGLAS-PA.710.A Datasheet
1Mb / 17P
   High efficiency wide-band antenna
PA.710.A1 TAOGLAS-PA.710.A1 Datasheet
2Mb / 18P
   High efficiency Wide-Band Antenna
logo
List of Unclassifed Man...
FXUB65.07.0180C ETC2-FXUB65.07.0180C Datasheet
1Mb / 15P
   Embedded Flexible 4G LTE Wide Band Antenna
logo
AVX Corporation
1002289 AVX-1002289 Datasheet
1Mb / 6P
   LTE/Cellular Wide Band FPC Embedded Antenna
9/27/2021
logo
Taoglas antenna solutio...
FXUB68070180C TAOGLAS-FXUB68070180C Datasheet
1Mb / 14P
   Embedded Flexible 4G LTE Wide Band Antenna
logo
AVX Corporation
1005460F0 AVX-1005460F0 Datasheet
1Mb / 11P
   5G/4G Wide Band FPC Embedded Antenna
11/8/2022 Rev 3.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com