Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST5421 Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # ST5421
Description  ISDN S-Interface Transformers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ST5421 Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  ST5421 Datasheet HTML 1Page - Pulse A Technitrol Company ST5421 Datasheet HTML 2Page - Pulse A Technitrol Company ST5421 Datasheet HTML 3Page - Pulse A Technitrol Company ST5421 Datasheet HTML 4Page - Pulse A Technitrol Company ST5421 Datasheet HTML 5Page - Pulse A Technitrol Company ST5421 Datasheet HTML 6Page - Pulse A Technitrol Company ST5421 Datasheet HTML 7Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
T604.F (05/12)
3
pulseelectronics.com
ISDN S-Interface Transformers
Transformer Selection & Packaging
IC
Manufacturer
IC
Part Number
Dual
Surface Mount
Single
Through Hole, 2 kVRMS
Dual
Through Hole
TX & RX
TX
RX
TX & RX
AT&T/Lucent
T7903
PE-65795
PE-64995NL
PE-64995NL
PE-65495
Mietec
MTC-2072
PE-65795
PE-64995NL
PE-64995NL
PE-65495
Mitel
MT8930
PE-65795
PE-64995NL
PE-64995NL
PE-65495
MC145474/145475
MC145574
National
TP3420/34221
PE-65795
PE-64995NL
PE-64995NL
PE-65495
SGS Thomson
ST5420, ST5421
PE-65795
PE-64995NL
PE-64995NL
PE-65495
PEB 2080/2081/2085
Siemens
PSB 2186
PE-65795
PE-64995NL
PE-64995NL
PE-65495
PEB 2084/2086
Yamaha
7405B
PE-65795
PE-64995NL
PE-64995NL
PE-65495
Notes:
A. In this catalog, turns ratio is expressed as
“primary:secondary”. The term “CT” designates a
center tapped winding. A center tapped winding
can be created by connecting two ends of a split
center winding together on the printed circuit board. In
ISDN-S applications, the primary winding is the line
side transformer winding.
B. The minimum primary inductance and the maximum
distributed capacitance satisfy the transmistter
output and receiver input impedance requirements of
CCITTI I.430 for both the TE and the NT. The maximum
distributed capacitance allows sufficient margin for the
capacitance of the IC and a protection diode network.
It is consistent with the overall maximum value
specified and the permitted length of the basic access
TE cord.
C. The maximum specified unbalanced DC current
capability is based on 20 mH minimum primary OCL
D. National recommends a 1:2 receive transformer, but
used as a 1:1 ratio by connectin only half the secondary
winding. See National’s application note.
E. PE-65950 and PE-65853 are recommended for use
with Siemens PEB 2080/2085 and help in meeting the
required longitudinal balance.
F. Standard packaging for all chokes and transformers
listed in this catalog is anti-static tubes. Optional
anti-static tray packaging can be ordered for the
surface mount SC-1 and LA-1 packages by adding an
R” suffix to the part number, (ie: PE-65795R). Optional
tape and reel packaging can be ordered for all surface
mount packages by adding a “
T” suffix to the part
number, (ie: PE-65795
T).
G. For PE-65854, OCL at -40C is 27 H minimum. For
maximum performance, using windings (1-8) and (2-7)
as a pair and windings (3-6) and (4-5) as a pair.
H. For transformers and choke modules, refer to data
sheet T632.
PE-65795
-
-
PE-65495
Packaging Information
Package
Type
Part Weight
Parts/Tube
Parts/Tray
Parts/Reel
Reel Diameter
Tape Width
Pitch
LA-1
SMT
2.0 Grams
30
60
250
13 Inches
24 mm
24 mm
SC-1
SMT
7.0 Grams
20
50
150
13 Inches
44 mm
24 mm
ID-1
THT
7.0 Grams
20
-
-
-
-
-
IS-1
THT
4.0 Grams
35
-
-
-
-
-
F
D
Motorola


Similar Part No. - ST5421

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
ST540L CHENDA-ST540L Datasheet
184Kb / 2P
   TRENCH SCHOTTKY RECTIFIER
logo
STMicroelectronics
ST5451 STMICROELECTRONICS-ST5451 Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
ST5451D STMICROELECTRONICS-ST5451D Datasheet
269Kb / 34P
   ISDN HDLC AND GCI CONTROLLER
ST5481 STMICROELECTRONICS-ST5481 Datasheet
167Kb / 18P
   L.O.U.I.S - LOW COST USB ISDN SOLUTION
ST5481TQF7 STMICROELECTRONICS-ST5481TQF7 Datasheet
167Kb / 18P
   L.O.U.I.S - LOW COST USB ISDN SOLUTION
More results

Similar Description - ST5421

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT-S300C ETC1-LT-S300C Datasheet
34Kb / 1P
   ISDN S -Interface Transformers
logo
PCA ELECTRONICS INC.
EPR1226 PCA-EPR1226 Datasheet
109Kb / 1P
   ISDN-S Interface Transformers
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550 Datasheet
38Kb / 1P
   ISDN S-Interface Transformers
logo
List of Unclassifed Man...
LT-S200C ETC1-LT-S200C Datasheet
35Kb / 1P
   ISDN S -Interface Transformers
logo
Rhombus Industries Inc.
T-10400 RHOMBUS-IND-T-10400 Datasheet
58Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-64995NL PULSE-PE-64995NL Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF02234A XFMRS-XF02234A Datasheet
54Kb / 1P
   ISDN S INTERFACE TRANSFORMERS
logo
Rhombus Industries Inc.
T-10550 RHOMBUS-IND-T-10550_99 Datasheet
39Kb / 1P
   ISDN S-Interface Transformers
logo
Pulse A Technitrol Comp...
PE-65793T PULSE-PE-65793T Datasheet
1Mb / 7P
   ISDN S-Interface Transformers
logo
XFMRS Inc.
XF0053-01S XFMRS-XF0053-01S Datasheet
51Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
XF0053-01S XFMRS-XF0053-01S_15 Datasheet
50Kb / 1P
   ISDN S-INTERFACE TRANSFORMERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com