Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V17160 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V17160
Description  3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V17160 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V17160 Datasheet HTML 4Page - Integrated Device Technology IDT72V17160 Datasheet HTML 5Page - Integrated Device Technology IDT72V17160 Datasheet HTML 6Page - Integrated Device Technology IDT72V17160 Datasheet HTML 7Page - Integrated Device Technology IDT72V17160 Datasheet HTML 8Page - Integrated Device Technology IDT72V17160 Datasheet HTML 9Page - Integrated Device Technology IDT72V17160 Datasheet HTML 10Page - Integrated Device Technology IDT72V17160 Datasheet HTML 11Page - Integrated Device Technology IDT72V17160 Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
INDUSTRIAL
TEMPERATURE RANGE
IDT72V15160/16160/17160/18160/19160
- 3.3V 16-BIT V-III MULTIMEDIA FIFO
IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
AC ELECTRICAL CHARACTERISTICS
(Industrial: VCC = 3.3V ± 0.15V, TA = -40
°C to +85°C; JEDEC JESD8-A compliant)
NOTES:
1. Pulse widths less than minimum values are not allowed.
2. Values guaranteed by design, not currently tested.
Industrial
IDT72V15160L10
IDT72V14320L10
IDT72V16160L10
IDT72V15320L10
IDT72V17160L10
IDT72V16320L10
IDT72V18160L10
IDT72V17320L10
IDT72V19160L10
IDT72V18320L10
IDT72V19320L10
Symbol
Parameter
Min.
Max
Unit
fS
Clock Cycle Frequency
100
Mhz
tA
Data Access Time
2
6.5
ns
tCLK
Clock Cycle Time
10
ns
tCLKH
Clock High Time
4.5
ns
tCLKL
Clock Low Time
4.5
ns
tDS
DataSetupTime
3.5
ns
tDH
Data Hold Time
0.5
ns
tENS
Enable Setup Time
3.5
ns
tENH
Enable Hold Time
0.5
ns
tLDS
LoadSetupTime
3.5
ns
tLDH
Load Hold Time
0.5
ns
tRS
Reset Pulse Width(1)
10
ns
tRSS
ResetSetupTime
15
ns
tRSR
Reset Recovery Time
10
ns
tRSF
Reset to Flag and Output Time
15
ns
tOLZ
Output Enable to Output in Low Z(2)
0—
ns
tOE
Output Enable to Output Valid
2
6
ns
tOHZ
Output Enable to Output in High-Z(2)
26
ns
tWFF
Write Clock to
FF
6.5
ns
tREF
Read Clock to
EF
6.5
ns
tPAFA
Clock to Asynchronous Programmable Almost-Full Flag
16
ns
tPAFS
Write Clock to Synchronous Programmable Almost-Full Flag
6.5
ns
tPAEA
Clock to Asynchronous Programmable Almost-Empty Flag
16
ns
tPAES
Read Clock to Synchronous Programmable Almost-Empty Flag
6.5
ns
tHF
Clock to
HF
—16
ns
tSKEW1
Skew time between RCLK and WCLK for
EF and FF
7—
ns
tSKEW2
Skew time between RCLK and WCLK for
PAE and PAF
10
ns


Similar Part No. - IDT72V17160

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V10071 IDT-IDT72V10071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10071L15 IDT-IDT72V10071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V10081 IDT-IDT72V10081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V10081L15PFI IDT-IDT72V10081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V11071 IDT-IDT72V11071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
More results

Similar Description - IDT72V17160

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16234 PERICOM-PI3B16234 Datasheet
153Kb / 3P
   3.3V, Low Capacitance 16-Bit to 32-Bit
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Altera Corporation
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
   3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
logo
STMicroelectronics
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com