Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72V14320 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT72V14320
Description  3.3V MULTIMEDIA FIFO 16 BIT V-III, 32 BIT Vx-III FAMILY UP TO 1 Mb DENSITY
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V14320 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT72V14320 Datasheet HTML 1Page - Integrated Device Technology IDT72V14320 Datasheet HTML 2Page - Integrated Device Technology IDT72V14320 Datasheet HTML 3Page - Integrated Device Technology IDT72V14320 Datasheet HTML 4Page - Integrated Device Technology IDT72V14320 Datasheet HTML 5Page - Integrated Device Technology IDT72V14320 Datasheet HTML 6Page - Integrated Device Technology IDT72V14320 Datasheet HTML 7Page - Integrated Device Technology IDT72V14320 Datasheet HTML 8Page - Integrated Device Technology IDT72V14320 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
INDUSTRIAL
TEMPERATURE RANGE
IDT72V15160/16160/17160/18160/19160
- 3.3V 16-BIT V-III MULTIMEDIA FIFO
IDT72V14320/15320/16320/17320/18320/19320 - 3.3V 32-BIT VX-III MULTIMEDIA FIFO
PBGA: 1mm pitch, 13mm x 13mm (BB144-1, order code: BB)
TOP VIEW
PIN CONFIGURATIONS-CONTINUED (32-BIT VX-III FAMILY)
NOTE:
1. DNC - Do Not Connect.
WEN
WCLK
PAF
FF
HF
GND
EF
RCLK
REN
OE
Q0
SEN
GND
PRS
LD
MRS
FS0
FS1
VCC
GND
PFM
VCC
Q1
D0
D1
D2
SI
GND
VCC
VCC
GND
PAE
GND
Q3
Q2
D3
D4
D5
VCC
VCC
GND
GND
VCC
VCC
Q6
Q5
Q4
D6
D9
D8
VCC
Q9
Q8
Q7
D7
D10
D11
Q12
Q11
Q10
D14
D13
D12
Q13
Q14
Q15
D17
D16
D15
VCC
Q16
Q17
Q18
D20
D19
D18
VCC
Q19
Q20
Q21
D23
D22
D21
D28
D31
VCC
VCC
TDO
Q29
Q22
Q23
D25
D27
D30
TMS
TCK
Q31
Q28
Q26
D24
D26
D29
TRST
TDI
Q30
Q27
Q25
Q24
DNC
A1 BALL PAD CORNER
A
B
C
D
E
F
G
H
J
K
L
M
12
3
4
5
6
7
8
9
10
11
12
6163 drw03b
GND
GND
GND
GND
GND
GND
GND
GND
VCC
GND
GND
GND
GND
VCC
GND
GND
VCC
VCC
GND
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
VCC
GND
GND
GND
DNC
DNC
DNC


Similar Part No. - IDT72V14320

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V14071 IDT-IDT72V14071 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V14071L15 IDT-IDT72V14071L15 Datasheet
162Kb / 10P
   3.3 VOLT DUAL MULTIMEDIA FIFO
IDT72V14081 IDT-IDT72V14081 Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V14081L15PFI IDT-IDT72V14081L15PFI Datasheet
125Kb / 9P
   3.3 VOLT MULTIMEDIA FIFO
IDT72V14165 IDT-IDT72V14165 Datasheet
123Kb / 8P
   3.3 VOLT MULTIMEDIA FIFO 256 x 16, 512 x 16, 1,024 x 16, 2,048 x 16, and 4,096 x 16
More results

Similar Description - IDT72V14320

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3B16233 PERICOM-PI3B16233 Datasheet
254Kb / 5P
   3.3V, 16-Bit to 32-Bit FET
PI3B16234 PERICOM-PI3B16234 Datasheet
153Kb / 3P
   3.3V, Low Capacitance 16-Bit to 32-Bit
PI3B16233AEX PERICOM-PI3B16233AEX Datasheet
345Kb / 5P
   3.3V, 16-Bit to 32-Bit FET Mux/DeMux NanoSwitch?
logo
Altera Corporation
EP3C10E144C7N ALTERA-EP3C10E144C7N Datasheet
395Kb / 14P
   1. Cyclone III Device Family Overview
logo
STMicroelectronics
STM32F217ZGT6 STMICROELECTRONICS-STM32F217ZGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto, ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, crypto,
logo
Pericom Semiconductor C...
PI3C16234 PERICOM-PI3C16234 Datasheet
333Kb / 4P
   3.3V, High Bandwidth, 16-Bit to 32-Bit Mux/Demux BusSwitch
PI3B16232 PERICOM-PI3B16232 Datasheet
163Kb / 3P
   3.3V, Synchronous 16-Bit to 32-Bit FET Mux/Demux BusSwitch
logo
STMicroelectronics
STM32F217VGT6 STMICROELECTRONICS-STM32F217VGT6 Datasheet
2Mb / 175P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
STM32F215RGT6 STMICROELECTRONICS-STM32F215RGT6 Datasheet
3Mb / 173P
   ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com