Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GPDF.47.8.A.021 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # GPDF.47.8.A.021
Description  Highest Accuracy, Lowest Profile Low Axial Ratio
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

GPDF.47.8.A.021 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  GPDF.47.8.A.021 Datasheet HTML 1Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 2Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 3Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 4Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 5Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 6Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 7Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 8Page - Taoglas antenna solutions GPDF.47.8.A.021 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SPE-16-08-044/A/WY
Page 1 of 19
SPECIFICATION
Patent Pending
Part No:
GPDF.47.8.A.02
Product Name:
Embedded 47.5*47.5*8mm GPS L1/L2
Low Profile Stacked Patch Antenna
Features:
Highest Accuracy, Lowest Profile Low Axial Ratio
Wideband GNSS Antenna
GPS L1+L2 Band Operation
Dual Feed Patch Assembly - use with Hybrid Couplers
L1:1575MHz; Axial Ratio 1.9 @1575.42 MHz
L2:1227MHz Axial Ratio 2.19@1227.6MHz
47.7*47.7*8mm
Tuned for Centre Positioning on a 70mm x 70mm Ground-plane
Through–Hole Mounting Pin Type
RoHS Compliant


Similar Part No. - GPDF.47.8.A.021

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
GPDF478A02 TAOGLAS-GPDF478A02 Datasheet
1Mb / 19P
   Embedded 47.5*47.5*8mm GPS L1/L2 Low Profile Stacked Patch Antenna
More results

Similar Description - GPDF.47.8.A.021

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1442 APITECH-1442 Datasheet
468Kb / 1P
   Lowest size/power ratio
1440 APITECH-1440 Datasheet
522Kb / 1P
   Lowest size/power ratio
logo
Laird Tech Smart Techno...
S8655P LSTD-S8655P Datasheet
428Kb / 1P
   Extremely low VSWR and axial ratio
PEL90201 LSTD-PEL90201 Datasheet
1Mb / 2P
   Extremely low VSWR and axial ratio?
S9028PCLF LSTD-S9028PCLF Datasheet
684Kb / 2P
   Extremely low VSWR and axial ratio
PEL86506 LSTD-PEL86506 Datasheet
1Mb / 2P
   Extremely low VSWR and axial ratio
PER86506 LSTD-PER86506 Datasheet
800Kb / 2P
   Extremely low VSWR and axial ratio
logo
TOKYO SEIMITSU CO., LTD
RONDCOM-65B ACCRETECH-RONDCOM-65B Datasheet
330Kb / 2P
   Highest rotation accuracy in this class 0.01 關m
logo
List of Unclassifed Man...
757N ETC1-757N Datasheet
73Kb / 1P
   6 Decade, High Accuracy Log Ratio Amplifiers
logo
Intronics Power, Inc.
757N INTRONICS-757N Datasheet
800Kb / 4P
   6-Decade, High Accuracy log Ratio Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com