Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL535UA-E Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # HAL535UA-E
Description  Hall Effect Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL535UA-E Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button HAL535UA-E Datasheet HTML 4Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 5Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL535UA-E Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
HAL525, HAL535
8
Micronas
3.6. Electrical Characteristics at TJ = −40 °C to +170 °C , VDD = 3.8 V to 24 V, as not otherwise specified in Conditions.
Typical Characteristics for TJ = 25 °C and VDD = 12 V
Fig. 3–3: Recommended pad size SOT-89B
Dimensions in mm
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Conditions
IDD
Supply Current
1
2.3
3
4.2
mA
TJ = 25 °C
IDD
Supply Current over
Temperature Range
1
1.6
3
5.2
mA
VDDZ
Overvoltage Protection
at Supply
1
28.5
32
V
IDD = 25 mA, TJ = 25 °C,
t = 20 ms
VOZ
Overvoltage Protection at Output
3
28
32
V
IOH = 25 mA, TJ = 25 °C,
t = 20 ms
VOL
Output Voltage
3
130
280
mV
IOL = 20 mA, TJ = 25 °C
VOL
Output Voltage over
Temperature Range
3
130
400
mV
IOL = 20 mA
IOH
Output Leakage Current
3
0.06
0.1
µA
Output switched off,
TJ = 25 °C, VOH = 3.8 to 24 V
IOH
Output Leakage Current over
Temperature Range
3
−−
10
µA
Output switched off,
TJ ≤150 °C, VOH = 3.8 to 24V
fosc
Internal Oscillator
Chopper Frequency
95
115
kHz
TJ = 25 °C,
fosc
Internal Oscillator Chopper
Frequency over Temperature
Range
85
115
kHz
TJ = −30 °C to 100 °C
fosc
Internal Oscillator Chopper
Frequency over Temperature
Range
73
115
kHz
ten(O)
Enable Time of Output after
Setting of VDD
1
30
70
µsV
DD = 12 V
B > BON + 2 mT or
B < BOFF − 2 mT
tr
Output Rise Time
3
75
400
ns
VDD = 12 V,
RL = 820 Ohm,
CL = 20 pF
tf
Output Fall Time
3
50
400
ns
RthJSB
case
SOT-89B
Thermal Resistance Junction
to Substrate Backside
−−
150
200
K/W
Fiberglass Substrate
30 mm x 10 mm x 1.5 mm,
pad size (see Fig. 3–3)
RthJA
case
TO-92UA
Thermal Resistance Junction
to Soldering Point
−−
150
200
K/W
5.0
2.0
2.0
1.0


Similar Part No. - HAL535UA-E

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
HAL50-S LEM-HAL50-S_12 Datasheet
217Kb / 3P
   Current Transducer
HAL500-S LEM-HAL500-S Datasheet
57Kb / 2P
   Current Transducer HAL 50~600-S
logo
List of Unclassifed Man...
HAL501 ETC-HAL501 Datasheet
315Kb / 44P
   Hall Effect Sensor Family
logo
Micronas
HAL501 MICRONAS-HAL501 Datasheet
144Kb / 2P
   Multipurpose Hall-Effect Sensor Family
More results

Similar Description - HAL535UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com