Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAL525UA-E Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HAL525UA-E
Description  Hall Effect Sensor IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HAL525UA-E Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HAL525UA-E Datasheet HTML 6Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 7Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 8Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 9Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 10Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 11Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 12Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 13Page - List of Unclassifed Manufacturers HAL525UA-E Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HAL525, HAL535
10
Micronas
–15
–10
–5
0
5
10
15
20
25
–15–10 –5 0
5
10 15 20 25 30 35 V
mA
VDD
IDD
TA = –40 °C
TA = 25 °C
TA = 170 °C
HAL 525, HAL 535
Fig. 3–4: Typical supply current
versus supply voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
234567
8 V
mA
VDD
IDD
TA = –40 °C
TA = 25 °C
TA = 170 °C
TA = 100 °C
HAL 525, HAL 535
Fig. 3–5: Typical supply current
versus supply voltage
0
1
2
3
4
5
–50
0
50
100
150
200
°C
mA
TA
IDD
VDD = 3.8 V
VDD = 12 V
VDD = 24 V
HAL 525, HAL 535
Fig. 3–6: Typical supply current
versus ambient temperature
0
20
40
60
80
100
120
140
160
–50
0
50
100
150
200
°C
kHz
TA
fosc
VDD = 3.8 V
VDD = 4.5 V...24 V
HAL 525, HAL 535
Fig. 3–7: Typ. internal chopper frequency
versus ambient temperature


Similar Part No. - HAL525UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL525UA-E MICRONAS-HAL525UA-E Datasheet
1Mb / 24P
   Hall-Effect Switches
More results

Similar Description - HAL525UA-E

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL115 MICRONAS-HAL115 Datasheet
110Kb / 9P
   Hall Effect Sensor IC
logo
Anpec Electronics Corop...
APX9140 ANPEC-APX9140 Datasheet
56Kb / 7P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509_12 Datasheet
247Kb / 6P
   HALL-EFFECT SENSOR IC
SK8509 UTC-SK8509_15 Datasheet
272Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Winson Semiconductor Co...
WSH130 WINSON-WSH130 Datasheet
141Kb / 5P
   Hall Effect Sensor IC
logo
Unisonic Technologies
SK8509 UTC-SK8509 Datasheet
231Kb / 6P
   HALL-EFFECT SENSOR IC
logo
Anpec Electronics Corop...
APX9031 ANPEC-APX9031 Datasheet
81Kb / 10P
   Hall Effect Sensor IC
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
   Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
   Linear Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com