Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC10-15DC Datasheet(PDF) 3 Page - Recom International Power

Part # RAC10-15DC
Description  Single & Dual Output Options
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC10-15DC Datasheet(HTML) 3 Page - Recom International Power

  RAC10-15DC Datasheet HTML 1Page - Recom International Power RAC10-15DC Datasheet HTML 2Page - Recom International Power RAC10-15DC Datasheet HTML 3Page - Recom International Power RAC10-15DC Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
POWERLINE
AC/DC-Converter
27.4
23.5
52.5
51.5
45.75
26.7
10.16
6.0
2
1
10.16
10.16
13.7
3
4
10.16
2.54
2.54
1.2ø+0.2/-0.1
Æ1.0mm
Bottom View
Recommended Footprint Details
Top View
XX.X ± 0.5 mm
XX.XX ± 0.25 mm
Pin Connections-
Pin #
Single Out
1
VAC in (N)
2
VAC in (L)
3
-VDC out
4
+VDC out
RAC10-xxSC/277
Application Notes
RAC10-xxS_DC
/277 Series
VAC in (L)
VAC in (N)
VDC out +
VDC out -
Fuse
1.5-2A Slow blow type
0.1uF/50V
Ground Ring
VAC in (L) VDC out +
VAC in (N) VDC out -
0.1uF/50V
0.1uF/50V
Fuse
1.5-2A Slow blow type
VDC out +
COM
VDC out -
LOAD
LOAD
LOAD
DUAL
SINGLE
Fuse
1.5-2A slow blow type
L
N
VAC in (L)
VAC in (N)
VDC out +
COM
VDC out -
100VAC
115VAC
230VAC
277VAC
Standard Application Circuit
1. Recommended external input fuse 1.5A / slow blow type.
2. Do not use scope ground lead to measure the output
ripple & noise.
Standard Package Style and Pinning
www.recom-power.com
PA-41
REV: 3/2017


Similar Part No. - RAC10-15DC

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC10-15DC/277 RECOM-RAC10-15DC/277 Datasheet
105Kb / 4P
   10 Watt Single / Dual Output
RAC10-15DC/277 RECOM-RAC10-15DC/277 Datasheet
106Kb / 4P
   10 Watt Single / Dual Output
More results

Similar Description - RAC10-15DC

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
ISF0305A XPPOWER-ISF0305A Datasheet
108Kb / 1P
   Single & Dual Output
IG0505SA XPPOWER-IG0505SA Datasheet
71Kb / 1P
   Single & Dual Output
logo
Power Mate Technology C...
HEC75-48S1P8 P-DUKE-HEC75-48S1P8 Datasheet
339Kb / 4P
   Single/Dual output
logo
XP Power Limited
SF_IR XPPOWER-SF_IR Datasheet
72Kb / 1P
   Single & Dual Output
ID0505SA XPPOWER-ID0505SA Datasheet
204Kb / 1P
   Single & Dual Output
SF_IP XPPOWER-SF_IP Datasheet
252Kb / 1P
   Regulated Single & Dual Output
logo
PEAK electronics GmbH
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
   SINGLE and DUAL Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
   Single and Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
   Single and Dual Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
   Single and Dual Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com