Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RAC150-48SG Datasheet(PDF) 2 Page - Recom International Power

Part # RAC150-48SG
Description  Universal Input 90-264VAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAC150-48SG Datasheet(HTML) 2 Page - Recom International Power

  RAC150-48SG Datasheet HTML 1Page - Recom International Power RAC150-48SG Datasheet HTML 2Page - Recom International Power RAC150-48SG Datasheet HTML 3Page - Recom International Power RAC150-48SG Datasheet HTML 4Page - Recom International Power RAC150-48SG Datasheet HTML 5Page - Recom International Power RAC150-48SG Datasheet HTML 6Page - Recom International Power RAC150-48SG Datasheet HTML 7Page - Recom International Power RAC150-48SG Datasheet HTML 8Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Parameter
Condition
Min.
Typ.
Max.
Rise Time
115VAC/230VAC
50ms
Hold-up Time
115VAC / 230VAC
100% load
50% load
6ms
20ms
Minimum Load
0%
Internal Operating Frequency
132kHz
Output Ripple & Noise
+70°C
12VDC
24VDC
48VDC
150mVp-p
240mVp-p
360mVp-p
-30°C
12VDC
24VDC
48VDC
300mVp-p
480mVp-p
720mVp-p
Power Factor
115VAC
230VAC
0.98
0.95
continued on next page
PA-2
REV.: 1/2017
www.recom-power.com
AC/DC Converter
Efficiency vs. Load
RAC150-12SG
RAC150-24SG
Efficiency vs. Input Voltage
(@ full load)
Output Power vs. Input Voltage
Specifications (measured @ ta = 25°C, nominal input voltage, full load otherwise noted)
RAC150-G
Series
Output Current [A]
0
0
20
40
60
80
100
2
4
6
8
10
12.5
Output Current [A]
0
0
20
40
60
80
100
2
1
3
4
5
6
6.25
90VAC
115VAC
230VAC
264VAC
90VAC
115VAC
230VAC
264VAC
RAC150-12SG
RAC150-24SG
Output Current [A]
0
0
20
40
60
80
100
2
4
6
8
10
12.5
Output Current [A]
0
0
20
40
60
80
100
2
1
3
4
5
6
6.25
90VAC
115VAC
230VAC
264VAC
90VAC
115VAC
230VAC
264VAC
RAC150-12SG
RAC150-24SG
Input Voltage [VAC]
90
0
20
40
60
80
100
100
115
180
230
264
Input Voltage [VAC]
90
0
40
20
80
60
100
120
140
100 120 140
160 180 200
240
210
264
natural air /OF
natural air /ENC


Similar Part No. - RAC150-48SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC15-0512TA RECOM-RAC15-0512TA Datasheet
97Kb / 3P
   15 Watt Single, Dual & Triple Output
RAC15-0512TA RECOM-RAC15-0512TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-0512TA RECOM-RAC15-0512TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
RAC15-0512TB RECOM-RAC15-0512TB Datasheet
99Kb / 2P
   15 Watt Single, Dual & Triple Output
RAC15-0512TB RECOM-RAC15-0512TB Datasheet
125Kb / 2P
   Compact AC-DC Power Supply
More results

Similar Description - RAC150-48SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC35-G RECOM-RAC35-G Datasheet
548Kb / 5P
   Universal Input 90-264VAC
RAC45-G RECOM-RAC45-G Datasheet
550Kb / 5P
   Universal Input 90-264VAC
logo
Total Power Internation...
TPILED160 TOTAL-POWER-TPILED160 Datasheet
120Kb / 1P
   Universal AC Input 90-264Vac
logo
Wall Industries,Inc.
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
   Universal Input Voltage of 90~264VAC
logo
Arch Electronics Corp.
AHC-E1_SERIES ARCH-AHC-E1_SERIES Datasheet
490Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
AFC20_SERIES ARCH-AFC20_SERIES Datasheet
520Kb / 5P
   Universal Input Range 90-264VAC, 47-440 Hz
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
   AC Input 90-264Vac
PLSP400224001 LINKCOM-PLSP400224001 Datasheet
119Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C301 LINKCOM-PLKBPHE010C301 Datasheet
110Kb / 2P
   AC Input 90-264Vac
PLKBPHE010C601 LINKCOM-PLKBPHE010C601 Datasheet
111Kb / 2P
   AC Input 90-264Vac
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com