Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG0603S020R014 Datasheet(PDF) 5 Page - Kemet Corporation

Part # VG0603S020R014
Description  Surface Mount Varistors VG Series ESD Suppression
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

VG0603S020R014 Datasheet(HTML) 5 Page - Kemet Corporation

  VG0603S020R014 Datasheet HTML 1Page - Kemet Corporation VG0603S020R014 Datasheet HTML 2Page - Kemet Corporation VG0603S020R014 Datasheet HTML 3Page - Kemet Corporation VG0603S020R014 Datasheet HTML 4Page - Kemet Corporation VG0603S020R014 Datasheet HTML 5Page - Kemet Corporation VG0603S020R014 Datasheet HTML 6Page - Kemet Corporation VG0603S020R014 Datasheet HTML 7Page - Kemet Corporation VG0603S020R014 Datasheet HTML 8Page - Kemet Corporation VG0603S020R014 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
V0004_VG • 10/26/2016
Surface Mount Varistors
VG Series ESD Suppression 125°C
Reliability
In general, reliability is the ability of a component to perform and maintain its functions in routine circumstances, as well as
hostile or unexpected circumstances. The mean life of series components is a function of:
• Factor of Applied Voltage
• Ambient temperature
Mean life is closely related to Failure rate (formula).
Mean life (ML) is the arithmetic mean (average) time to failure of a component.
Failure rate is the frequency with which an engineered system or component fails, expressed for example in failures per
hour. Failure rate is usually time dependent, an intuitive corollary is that the rate changes over time versus the expected
life cycle of a system.
Failure rate formula – calculation
Λ=
109
[fit]
ML[h]
FAV – Factor of Applied Voltage
Λ=
Vapl
V
max
Vapl = applied voltage
V
max = maximum operating voltage
Table 1 – Ratings & Part Number Reference
KEMET Part
Number
L
(mm)
W
(mm)
t
max
(mm) Vrms VDC
V
n
1 mA
V
c
8/20 µs
I
c
8/20 µs
(A)
W
max
10/1000 µs
(J)
P
max
(W)
C
typ
at 1 kHz
(pF)
L
typ
100 mA/ns
(nH)
VG0603S020R014
1.6 ± 0.20 0.80 ± 0.10
0.95
14
18
22 - 28
50
2
0.05
0.003
75
< 1.0
VG0805S020R014
2.0 ± 0.25 1.25 ± 0.20
0.95
14
18
22 - 28
50
2
0.10
0.004
100
< 1.5
VG1206S020R014
3.2 ± 0.30 1.60 ± 0.20
1.20
14
18
22 - 28
50
2
0.10
0.004
200
< 1.8
VG1210S020R014
3.2 ± 0.30 2.50 ± 0.25
1.30
14
18
22 - 28
50
2
0.10
0.004
400
< 3.5
Years
Mean Life on Arrhenius model
1,000
100
10
103
104
105
106
107
108
1
h
120 100 80
60
40
20
°C
Ta
FAV
0,7
0,8
0,9
1,0


Similar Part No. - VG0603S020R014

ManufacturerPart #DatasheetDescription
logo
TOCOSAMERICA, INC.
VG067 TOCOS-VG067 Datasheet
95Kb / 2P
   Through-Hole Single-Turn Trimmers
More results

Similar Description - VG0603S020R014

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
VC0603M300R002 KEMET-VC0603M300R002 Datasheet
1Mb / 15P
   Surface Mount Varistors
VA0805K121R014 KEMET-VA0805K121R014 Datasheet
1Mb / 14P
   Surface Mount Varistors
logo
Littelfuse
V22CH8 LITTELFUSE-V22CH8_10 Datasheet
633Kb / 6P
   Surface Mount Varistors
V275SM7 LITTELFUSE-V275SM7 Datasheet
799Kb / 4P
   Surface Mount Varistors
V220CH8T LITTELFUSE-V220CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
V47CH8T LITTELFUSE-V47CH8T Datasheet
633Kb / 6P
   Surface Mount Varistors CH Series
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com