Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G5SBA60-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # G5SBA60-M3
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

G5SBA60-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  G5SBA60-M3 Datasheet HTML 1Page - Vishay Siliconix G5SBA60-M3 Datasheet HTML 2Page - Vishay Siliconix G5SBA60-M3 Datasheet HTML 3Page - Vishay Siliconix G5SBA60-M3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
G5SBA20-M3, G5SBA60-M3, G5SBA80-M3
www.vishay.com
Vishay General Semiconductor
Revision: 05-Aug-15
1
Document Number: 89305
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Glass Passivated Single-Phase Bridge Rectifier
FEATURES
• UL recognition file number E54214
• Ideal for printed circuit boards
• High surge current capability
• High case dielectric strength of 1500 VRMS
• Solder dip 275 °C max. 10 s, per JESD 22-B106
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for monitor, TV, printer, switching mode power supply,
adapter,
audio
equipment,
and
home
appliances
applications.
MECHANICAL DATA
Case: GBU
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Mounting Torque: 10 cm-kg (8.8 inches-lbs) max.
Recommended Torque: 5.7 cm-kg (5 inches-lbs)
Notes
(1) Unit case mounted on aluminum plate heatsink
(2) Units mounted on PCB with 0.5" x 0.5" (12 mm x 12 mm) copper pads and 0.375" (9.5 mm) lead length
PRIMARY CHARACTERISTICS
Package
GBU
IF(AV)
6.0 A
VRRM
200 V, 600 V, 800 V
IFSM
150 A
IR
5 μA
VF at IF = 3.0 A
1.05 V
TJ max.
150 °C
Diode variations
In-line
Case Style GBU
-
~
~
+
Case Style GBU
+
~
~
-
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
G5SBA20
G5SBA60
G5SBA80
UNIT
Maximum repetive peak reverse voltage
VRRM
200
600
800
V
Maximum RMS voltage
VRWM
140
420
560
V
Maximum DC blocking voltage
VDC
200
600
800
V
Maximum average forward rectified
output current at
TC = 100 °C (1)
IF(AV)
6.0
A
TA = 25 °C (2)
2.8
Peak forward surge current single sine-wave
superimposed on rated load
IFSM
150
A
Rating for fusing (t < 8.3 ms)
I2t93
A2s
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
G5SBA20
G5SBA60
G5SBA80
UNIT
Maximum instantaneous forward voltage per diode
3.0 A
VF
1.05
V
Maximum DC reverse current at rated DC
blocking voltage per diode
TJ = 25 °C
IR
5.0
μA
TJ = 125 °C
300


Similar Part No. - G5SBA60-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
G5SBA60-M3 VISHAY-G5SBA60-M3 Datasheet
1,010Kb / 35P
   Glass Passivated Single-Phase Bridge Rectifier
08-Feb-17
More results

Similar Description - G5SBA60-M3

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com