Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPV362M4FPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # CPV362M4FPBF
Description  IGBT SIP Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CPV362M4FPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  CPV362M4FPBF Datasheet HTML 1Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 2Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 3Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 4Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 5Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 6Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 7Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 8Page - Vishay Siliconix CPV362M4FPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CPV362M4FPbF
www.vishay.com
Vishay Semiconductors
Revision: 10-Jun-15
6
Document Number: 94361
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 17 - Typical dI(REC)M/dt vs dIF/dt
Fig. 18a - Test Circuit for Measurement of ILM, Eon, Eoff(diode), trr, Qrr,
Irr, td(on), tr, td(off), tf
Fig. 18b - Test Waveforms of Circuit of Fig. 18a,
Defining Eoff, td(off), tf
Fig. 18c - Test Waveforms of Circuit of Fig. 18a,
Defining Eon, td(on), tr
Fig. 18d - Test Waveforms of Circuit of Fig. 18a,
Defining Erec, trr, Qrr, Irr
Fig. 18e - Macro Waveforms for Figure 18a’s Test Circuit
100
10 000
1000
dIF/dt - (A/µs)
1000
100
I
F
= 16 A
I
F
= 8.0 A
I
F = 4.0 A
V
R = 200 V
T
J = 125 °C
T
J = 25 °C
D.U.T.
430 µF
80 %
of V
CE
Same type
device
as
D.U.T.
I
C
V
CE
t1
t2
90 % I
C
10 %
V
CE
t
d(off)
tf
I
C
5 % I
C
t1 + 5 µs
V
CE IC dt
t1
90 % V
GE
+ V
GE
Eoff =
t2
V
CE IC dt
t1
5 % V
CE
I
C
I
pk
V
CC
10 %
I
C
Vce
t1
t2
D.U.T. voltage
and current
Gate voltage D.U.T.
+ V
G
10 % + V
G
90 % I
C
tr
t
d(on)
Eon =
Diode reverse
recovery energy
tx
E
rec =
t4
V
d IC dt
t3
t4
t3
Diode recovery
waveforms
I
C
V
pk
10 % V
CC
I
rr
10 % I
rr
V
CC
t
rr
Q
rr =
t
rr
I
C dt
tx
V
G Gate signal
device under test
Current D.U.T.
Voltage in D.U.T.
Current in D1
t0
t1
t2


Similar Part No. - CPV362M4FPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
More results

Similar Description - CPV362M4FPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
CPV362M4F IRF-CPV362M4F Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV364M4F IRF-CPV364M4F Datasheet
245Kb / 10P
   IGBT SIP MODULE
CPV363M4K IRF-CPV363M4K Datasheet
176Kb / 10P
   IGBT SIP MODULE
CPV364M4K IRF-CPV364M4K Datasheet
283Kb / 10P
   IGBT SIP MODULE
CPV363M4U IRF-CPV363M4U Datasheet
275Kb / 10P
   IGBT SIP MODULE
CPV362M4F IRF-CPV362M4F Datasheet
287Kb / 10P
   IGBT SIP MODULE
CPV364M4U IRF-CPV364M4U Datasheet
273Kb / 10P
   IGBT SIP MODULE
CPV363M4F IRF-CPV363M4F Datasheet
269Kb / 10P
   IGBT SIP MODULE
CPV364M4KPBF IRF-CPV364M4KPBF Datasheet
304Kb / 10P
   IGBT SIP MODULE
logo
Vishay Siliconix
VS-CPV362M4FPBF VISHAY-VS-CPV362M4FPBF Datasheet
237Kb / 9P
   IGBT SIP Module (Fast IGBT)
01-Jan-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com