Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9015ACPJ Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS9015ACPJ
Description  Serial Digital Reclocker
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9015ACPJ Datasheet(HTML) 6 Page - Gennum Corporation

Back Button GS9015ACPJ Datasheet HTML 2Page - Gennum Corporation GS9015ACPJ Datasheet HTML 3Page - Gennum Corporation GS9015ACPJ Datasheet HTML 4Page - Gennum Corporation GS9015ACPJ Datasheet HTML 5Page - Gennum Corporation GS9015ACPJ Datasheet HTML 6Page - Gennum Corporation GS9015ACPJ Datasheet HTML 7Page - Gennum Corporation GS9015ACPJ Datasheet HTML 8Page - Gennum Corporation GS9015ACPJ Datasheet HTML 9Page - Gennum Corporation GS9015ACPJ Datasheet HTML 10Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
520 - 99 - 05
VCC3
SDO or SCO
Pin 25, 24
10k
200
SDO or SCO
Pin 23, 22
VCC
VCC
VCC
200
800
10k
3k
IVCO
400
Pin 15
Pin 17
RVCO 0
Pin 13
Pin 14
400
400
400
RVCO 1
RVCO 2
RVCO 3
LOOP FILTER
(1.8 - 2.7V)
(1.9 - 2.4V)
INPUT / OUTPUT CIRCUITS cont.
Fig. 4 Pins 13, 14, 15 and 17
Fig. 5 Pins 25, 24, 23 and 22


Similar Part No. - GS9015ACPJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCPJ GENNUM-GS9015BCPJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
GS9015BCTJ GENNUM-GS9015BCTJ Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
More results

Similar Description - GS9015ACPJ

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9035A GENNUM-GS9035A Datasheet
239Kb / 14P
   Serial Digital Reclocker
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
logo
Semtech Corporation
EBK-GS6150-00 SEMTECH-EBK-GS6150-00 Datasheet
217Kb / 3P
   Multi-Rate Serial Digital Reclocker
logo
Gennum Corporation
GS9015B GENNUM-GS9015B Datasheet
114Kb / 13P
   GENLINX-TM GS9015B Serial Digital Reclocker
logo
M/A-COM Technology Solu...
M08045 MA-COM-M08045 Datasheet
443Kb / 2P
   3G/HD/SD Serial Digital Video Reclocker
logo
Gennum Corporation
GS9035C GENNUM-GS9035C Datasheet
551Kb / 14P
   GENLINX II -TM GS9035C Serial Digital Reclocker
logo
National Semiconductor ...
LMH0046 NSC-LMH0046 Datasheet
561Kb / 10P
   HD/SD Multi-Rate Serial Digital Video Data Reclocker
logo
Gennum Corporation
GS9005B_0411 GENNUM-GS9005B_0411 Datasheet
2Mb / 13P
   Serial Digital Receiver
GS9000C GENNUM-GS9000C Datasheet
106Kb / 8P
   Serial Digital Decoder
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com