Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70LT3G Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAV70LT3G
Description  Dual Switching Diode Common Cathode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV70LT3G Datasheet(HTML) 2 Page - ON Semiconductor

  BAV70LT3G Datasheet HTML 1Page - ON Semiconductor BAV70LT3G Datasheet HTML 2Page - ON Semiconductor BAV70LT3G Datasheet HTML 3Page - ON Semiconductor BAV70LT3G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV70L, SBAV70L
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(I(BR) = 100 mA)
V(BR)
100
V
Reverse Voltage Leakage Current (Note 3)
(VR = 25 V, TJ = 150°C)
(VR = 100 V)
(VR = 70 V, TJ = 150°C)
IR
60
1.0
100
mA
Diode Capacitance
(VR = 0 V, f = 1.0 MHz)
CD
1.5
pF
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
715
855
1000
1250
mV
Reverse Recovery Time
RL = 100 W
(IF = IR = 10 mA, IR(REC) = 1.0 mA) (Figure 1)
trr
6.0
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. For each individual diode while second diode is unbiased.
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - BAV70LT3G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70LT3G ONSEMI-BAV70LT3G Datasheet
52Kb / 4P
   Dual Switching Diode Common Cathode
January, 2007 ??Rev. 4
BAV70LT3G ONSEMI-BAV70LT3G Datasheet
130Kb / 4P
   Dual Switching Diode Common Cathode
August, 2009 ??Rev. 6
More results

Similar Description - BAV70LT3G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
   Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
   Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
BAV70LT1G ONSEMI-BAV70LT1G Datasheet
130Kb / 4P
   Dual Switching Diode Common Cathode
August, 2009 ??Rev. 6
BAV70M3 ONSEMI-BAV70M3 Datasheet
67Kb / 4P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 2
logo
ARTSCHIP ELECTRONICS CO...
BAV70 ARTSCHIP-BAV70 Datasheet
461Kb / 3P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70WT1G ONSEMI-BAV70WT1G Datasheet
130Kb / 5P
   Dual Switching Diode Common Cathode
October, 2010 -- Rev. 5
BAV70LT1 ONSEMI-BAV70LT1_07 Datasheet
52Kb / 4P
   Dual Switching Diode Common Cathode
January, 2007 ??Rev. 4
BAV70WT1 ONSEMI-BAV70WT1 Datasheet
55Kb / 5P
   Dual Switching Diode Common Cathode
January, 2007 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com