Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVBAV23CLT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NSVBAV23CLT1G
Description  Dual High Voltage Common Cathode Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVBAV23CLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NSVBAV23CLT1G Datasheet HTML 1Page - ON Semiconductor NSVBAV23CLT1G Datasheet HTML 2Page - ON Semiconductor NSVBAV23CLT1G Datasheet HTML 3Page - ON Semiconductor NSVBAV23CLT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAV23CL, NSVBAV23CL
www.onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
SINGLE HEATED
Total Device Dissipation (Note 1) TA = 25°C
Derate above 25°C
PD
265
2.1
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
472
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 1)
R_ψJL
263
°C/W
Thermal Reference, Junction−to−Case (Note 1)
R_ψJC
289
°C/W
Total Device Dissipation (Note 2) TA = 25°C
Derate above 25°C
PD
345
2.7
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
362
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 2)
R_ψJL
251
°C/W
Thermal Reference, Junction−to−Case (Note 2)
R_ψJC
250
°C/W
DUAL HEATED (Note 3)
Total Device Dissipation (Note 1) TA = 25°C
Derate above 25°C
PD
390
3.1
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 1)
RqJA
321
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 1)
R_ψJL
159
°C/W
Thermal Reference, Junction−to−Case (Note 1)
R_ψJC
138
°C/W
Total Device Dissipation (Note 2) TA = 25°C
Derate above 25°C
PD
540
4.3
mW
mW/°C
Thermal Resistance, Junction−to−Ambient (Note 2)
RqJA
231
°C/W
Thermal Reference, Junction−to−Anode Lead (Note 2)
R_ψJL
148
°C/W
Thermal Reference, Junction−to−Case (Note 2)
R_ψJC
119
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
1. FR-4 @ 100 mm2, 1 oz. copper traces, still air.
2. FR-4 @ 500 mm2, 2 oz. copper traces, still air.
3. Dual heated values assume total power is sum of two equally powered channels
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Reverse Voltage Leakage Current
(VR = 200 Vdc)
(VR = 200 Vdc, TJ = 150°C)
IR
0.1
100
mAdc
Reverse Breakdown Voltage
(IBR = 100 mAdc)
V(BR)
250
Vdc
Forward Voltage
(IF = 100 mAdc)
(IF = 200 mAdc)
VF
1000
1250
mV
Diode Capacitance
(VR = 0, f = 1.0 MHz)
CT
5.0
pF
Reverse Recovery Time
(IF = IR = 30 mAdc, RL = 100 W)
trr
150
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NSVBAV23CLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVBAV23CLT1G ONSEMI-NSVBAV23CLT1G Datasheet
104Kb / 4P
   Dual High Voltage Common Cathode Switching Diode
September, 2013 ??Rev. 2
NSVBAV23CLT1G ONSEMI-NSVBAV23CLT1G Datasheet
183Kb / 5P
   Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
More results

Similar Description - NSVBAV23CLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV23CL ONSEMI-BAV23CL Datasheet
104Kb / 4P
   Dual High Voltage Common Cathode Switching Diode
September, 2013 ??Rev. 2
logo
Nexperia B.V. All right...
BAV23QA NEXPERIA-BAV23QA Datasheet
216Kb / 11P
   Dual common cathode high-voltage switching diode
9 April 2018
logo
ON Semiconductor
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
128Kb / 4P
   Dual High Voltage Common Cathode Switching Diode
May, 2009 ??Rev. 0
BAV23CL ONSEMI-BAV23CL_V01 Datasheet
183Kb / 5P
   Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
   Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
   Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
logo
Vishay Siliconix
GSD2004C VISHAY-GSD2004C Datasheet
89Kb / 4P
   Dual Common Cathode Small Signal High Voltage Switching Diode
Rev. 1.0, 17-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com