Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSVBAV23CLT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NSVBAV23CLT1G
Description  Dual High Voltage Common Cathode Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NSVBAV23CLT1G Datasheet(HTML) 1 Page - ON Semiconductor

  NSVBAV23CLT1G Datasheet HTML 1Page - ON Semiconductor NSVBAV23CLT1G Datasheet HTML 2Page - ON Semiconductor NSVBAV23CLT1G Datasheet HTML 3Page - ON Semiconductor NSVBAV23CLT1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2008
October, 2016 − Rev. 3
1
Publication Order Number:
BAV23CLT1/D
BAV23CL, NSVBAV23CL
Dual High Voltage Common
Cathode Switching Diode
Features
Moisture Sensitivity Level: 1
ESD Rating − Human Body Model: Class 2
ESD Rating − Machine Model: Class C
Fast Switching Speed
Switching Application
NSV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Typical Applications
LCD TV
Power Supply
Industrial
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
VR
250
V
Repetitive Peak Reverse Voltage
VRRM
250
V
Peak Forward Current
IF
400
mA
Non−Repetitive Peak
@ t = 1.0 ms
Forward Surge Current
@ t = 100 ms
@ t = 10 ms
IFSM
9.0
3.0
1.7
A
Peak Forward Surge Current
IFM(surge)
625
mAdc
Non−Repetitive Peak
Per Human Body Model
Per Machine Model
HBM
MM
4.0
400
kV
V
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
Device
Package
Shipping
ORDERING INFORMATION
SOT−23
CASE 318
STYLE 9
MARKING DIAGRAM
1
2
3
www.onsemi.com
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
BAV23CLT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel
1
AA MG
G
AA
= Specific Device Code
M
= Date Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
3
CATHODE
2
ANODE
ANODE
1
2
3
BAV23CLT3G
SOT−23
(Pb−Free)
10000 / Tape &
Reel
NSVBAV23CLT1G
SOT−23
(Pb−Free)
3000 / Tape &
Reel


Similar Part No. - NSVBAV23CLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSVBAV23CLT1G ONSEMI-NSVBAV23CLT1G Datasheet
104Kb / 4P
   Dual High Voltage Common Cathode Switching Diode
September, 2013 ??Rev. 2
NSVBAV23CLT1G ONSEMI-NSVBAV23CLT1G Datasheet
183Kb / 5P
   Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
More results

Similar Description - NSVBAV23CLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV23CL ONSEMI-BAV23CL Datasheet
104Kb / 4P
   Dual High Voltage Common Cathode Switching Diode
September, 2013 ??Rev. 2
logo
Nexperia B.V. All right...
BAV23QA NEXPERIA-BAV23QA Datasheet
216Kb / 11P
   Dual common cathode high-voltage switching diode
9 April 2018
logo
ON Semiconductor
BAV23CLT1G ONSEMI-BAV23CLT1G Datasheet
128Kb / 4P
   Dual High Voltage Common Cathode Switching Diode
May, 2009 ??Rev. 0
BAV23CL ONSEMI-BAV23CL_V01 Datasheet
183Kb / 5P
   Switching Diode, Dual, High Voltage, Common Cathode
April, 2020 - Rev. 4
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
BAV70M3T5G ONSEMI-BAV70M3T5G Datasheet
122Kb / 4P
   Dual Switching Diode Common Cathode
January, 2009 ??Rev. 0
584826 ONSEMI-584826 Datasheet
111Kb / 4P
   Dual Switching Diode Common Cathode
May, 2013 ??Rev. 8
logo
Vishay Siliconix
GSD2004C VISHAY-GSD2004C Datasheet
89Kb / 4P
   Dual Common Cathode Small Signal High Voltage Switching Diode
Rev. 1.0, 17-May-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com