Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAV70DXV6 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BAV70DXV6
Description  Monolithic Dual Switching Diode Common Cathode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV70DXV6 Datasheet(HTML) 4 Page - ON Semiconductor

  BAV70DXV6 Datasheet HTML 1Page - ON Semiconductor BAV70DXV6 Datasheet HTML 2Page - ON Semiconductor BAV70DXV6 Datasheet HTML 3Page - ON Semiconductor BAV70DXV6 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BAV70DXV6, NSVBAV70DXV6
www.onsemi.com
4
PACKAGE DIMENSIONS
HE
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.50
0.55
0.60
b
0.17
0.22
0.27
C
D
1.50
1.60
1.70
E
1.10
1.20
1.30
e
0.5 BSC
L
0.10
0.20
0.30
1.50
1.60
1.70
0.020
0.021
0.023
0.007
0.009
0.011
0.059
0.062
0.066
0.043
0.047
0.051
0.02 BSC
0.004
0.008
0.012
0.059
0.062
0.066
MIN
NOM
MAX
INCHES
SOT−563, 6 LEAD
CASE 463A
ISSUE F
e
M
0.08 (0.003)
X
b 65 PL
A
C
−X−
−Y−
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH THICKNESS. MINIMUM LEAD THICKNESS
IS THE MINIMUM THICKNESS OF BASE MATERIAL.
D
E
Y
12
3
4
5
L
6
1.35
0.0531
0.5
0.0197
mm
inches
SCALE 20:1
0.5
0.0197
1.0
0.0394
0.45
0.0177
0.3
0.0118
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
HE
0.08
0.12
0.18
0.003
0.005
0.007
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC owns the rights to a number of patents, trademarks,
copyrights, trade secrets, and other intellectual property. A listing of SCILLC’s product/patent coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. SCILLC
reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any
particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without
limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications
and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC
does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for
surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where
personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and
its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly,
any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture
of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
BAV70DXV6T1/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - BAV70DXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70DXV6T1 ONSEMI-BAV70DXV6T1 Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
BAV70DXV6T1G ONSEMI-BAV70DXV6T1G Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
BAV70DXV6T5 ONSEMI-BAV70DXV6T5 Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
BAV70DXV6T5G ONSEMI-BAV70DXV6T5G Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
More results

Similar Description - BAV70DXV6

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAV70LT1 ONSEMI-BAV70LT1 Datasheet
55Kb / 4P
   Monolithic Dual Switching Diode Common Cathode
November, 2001 ??Rev. 2
logo
Leshan Radio Company
BAV70LT1 LRC-BAV70LT1 Datasheet
27Kb / 1P
   Monolithic Dual Switching Diode Common Cathode
LBAV70LT1 LRC-LBAV70LT1 Datasheet
62Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70DXV6T1 ONSEMI-BAV70DXV6T1 Datasheet
92Kb / 8P
   Monolithic Dual Switching Diode Common Cathode
March, 2006 ??Rev. 2
logo
Zowie Technology Corpor...
BAV70 ZOWIE-BAV70 Datasheet
50Kb / 2P
   MONOLITHIC DUAL SWITCHING DIODE COMMON CATHODE
logo
Yea Shin Technology Co....
BAV70-A YEASHIN-BAV70-A Datasheet
655Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
BAV70 YEASHIN-BAV70 Datasheet
639Kb / 3P
   Monolithic Dual Switching Diode Common Cathode
logo
Motorola, Inc
MSD6100 MOTOROLA-MSD6100 Datasheet
64Kb / 4P
   Dual Switching Diode Common Cathode
logo
ON Semiconductor
BAV70L ONSEMI-BAV70L Datasheet
94Kb / 4P
   Dual Switching Diode Common Cathode
October, 2016 ??Rev. 12
BAV70W ONSEMI-BAV70W Datasheet
65Kb / 5P
   Dual Switching Diode Common Cathode
April, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com